Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU-4444-A-12-2 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części BU-4444-A-12-2
Szczegółowy opis  Test Lead with Stackable Pin Tips
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

BU-4444-A-12-2 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-4444-A-12-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
Toll Free: 800.955.2629
1208 Massillon Rd. Ste. N-1500
www.muellerelectric.com
Phone: 330.780.2525
Akron, OH 44306-4524
Fax: 330.780.2524
BU-4444-A-**-*
(Test Lead with Stackable Pin Tips)
• Stackable .080” Pin tips on each end
• Durable brass over-molded with polypropylene housing
• 20 AWG PVC jacketed wire
• ** Length designated in inches; 12, 24, 36 are standard
• * Color; -0 Black, -2 Red
• Rating: 15 Amps
• RoHS Compliant


Podobny numer części - BU-4444-A-12-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BU-4444-A-24-0 ETC2-BU-4444-A-24-0 Datasheet
177Kb / 1P
   Durable brass over-molded with polypropylene housing
BU-4444-A-24-2 ETC2-BU-4444-A-24-2 Datasheet
177Kb / 1P
   Durable brass over-molded with polypropylene housing
BU-4444-A-36-0 ETC2-BU-4444-A-36-0 Datasheet
177Kb / 1P
   Durable brass over-molded with polypropylene housing
BU-4444-A-36-2 ETC2-BU-4444-A-36-2 Datasheet
177Kb / 1P
   Durable brass over-molded with polypropylene housing
More results

Podobny opis - BU-4444-A-12-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pepperl+Fuchs Inc.
TL175 PF-TL175 Datasheet
441Kb / 1P
   Test Leads with adjustable length test tips
2021-06-16
logo
List of Unclassifed Man...
BU-P1081-12-0 ETC2-BU-P1081-12-0 Datasheet
261Kb / 1P
   STACKABLE MINI-BANANA TEST LEAD
BU-P1081-24-0 ETC2-BU-P1081-24-0 Datasheet
261Kb / 1P
   STACKABLE MINI-BANANA TEST LEAD
logo
Pomona Electronics
5676A POMONA-5676A Datasheet
41Kb / 1P
   Test Probe Set with Replaceable Tips
logo
3M Electronics
6473 3M-6473 Datasheet
41Kb / 1P
   Test Probe Set with Replaceable Tips
logo
List of Unclassifed Man...
1661 ETC2-1661 Datasheet
99Kb / 1P
   TEST TIPS AND PLUGS
logo
Pomona Electronics
6354 POMONA-6354 Datasheet
23Kb / 1P
   Replacement Tips For Test Probes
logo
List of Unclassifed Man...
BU-2323-10-60-0 ETC2-BU-2323-10-60-0 Datasheet
374Kb / 1P
   Stackable, Retractable Banana Test Lead 10 AWG
BU-2323-10-36-0 ETC2-BU-2323-10-36-0 Datasheet
374Kb / 1P
   Stackable, Retractable Banana Test Lead 10 AWG
logo
Pomona Electronics
6475 POMONA-6475 Datasheet
37Kb / 2P
   Test Probe Tips For 060 Series Probes
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com