Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU-31607-9 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części BU-31607-9
Szczegółowy opis  Screw-in Safety Socket with Stud and Metal Nut
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

BU-31607-9 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-31607-9 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
TEL. 800-955-2629
1625 E. 31st Street
Over 95 Years Of Innovation
TEL. 216-771-5225
Cleveland, Ohio 44114
www.muellerelectric.com
FAX. 216-771-3068
Screw-in Safety Socket with Stud and Metal Nut
Material: Hardware: nickel-plated brass; Insulator: ABS-nylon composite
Length: 1.53” (39 mm)
*Std. Colors: -0 Black, -2 Red
Rating: 600Volts, category III, 1000Volts, category II, 35Amps, IEC 1010
Compliant
RoHS Compliant
Part Number:
BU-31607- *
Description:
Screw-in Safety Socket with Stud
3107
and Metal Nut
45 Amps
1308


Podobny numer części - BU-31607-9

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BU-31607-0 ETC2-BU-31607-0 Datasheet
94Kb / 1P
   Screw-in Safety Socket with Stud and Metal Nut
BU-31607-2 ETC2-BU-31607-2 Datasheet
94Kb / 1P
   Screw-in Safety Socket with Stud and Metal Nut
More results

Podobny opis - BU-31607-9

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BU-31607-0 ETC2-BU-31607-0 Datasheet
94Kb / 1P
   Screw-in Safety Socket with Stud and Metal Nut
logo
Level One
HVE-9111R LVL1-HVE-9111R Datasheet
388Kb / 2P
   Screw-in power socket for added safety
logo
FCI connector
D15S33E4GX00LF FCI-CONNECTOR-D15S33E4GX00LF Datasheet
74Kb / 1P
   SOCKET CONNECT,DELTA D RIGHT ANGLE WITH NUT. HARPOON AND METAL PLATE
D37S13A4GX00LF FCI-CONNECTOR-D37S13A4GX00LF Datasheet
68Kb / 1P
   SOCKET CONNECT. EDLTA D RIGHT ANGLED WITH NUT, HARPON and METAL PLATE
C01-8646-0165 FCI-CONNECTOR-C01-8646-0165 Datasheet
76Kb / 1P
   SOCKET CONNECT. DELTA D DRIGHT ANGLE WITH NUT, HARPOON AND METAL PLATE
C01-8646-0021 FCI-CONNECTOR-C01-8646-0021 Datasheet
104Kb / 1P
   SOCKET CONNECTOR DELTA D with nut, harpoon, metal bracket
logo
List of Unclassifed Man...
M28 ETC2-M28 Datasheet
331Kb / 2P
   Available in plastic and stud-mount metal enclosures
M38 ETC2-M38 Datasheet
331Kb / 2P
   Available in plastic and stud-mount metal enclosures
logo
FCI connector
C01-8646-0290 FCI-CONNECTOR-C01-8646-0290 Datasheet
89Kb / 1P
   SOCKET CONNECT. DELTA D RIGHT ANGLED WITH NUT, METAL BRACKET.
logo
List of Unclassifed Man...
D01294 ETC2-D01294 Datasheet
4Mb / 4P
   Hexagon Nut And Screw Head Covers
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com