Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OPV382 Arkusz danych(PDF) 1 Page - OPTEK Technologies

Numer części OPV382
Szczegółowy opis  Vertical Cavity Surface Emitting Laser in Lateral Package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OPTEK [OPTEK Technologies]
Strona internetowa  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPV382 Arkusz danych(HTML) 1 Page - OPTEK Technologies

  OPV382_14 Datasheet HTML 1Page - OPTEK Technologies OPV382_14 Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Applications
Non-contact position sensing
Photoelectric sensors
Optical encoders
Light curtains
Vertical Cavity Surface Emitting
Laser in Lateral Package
OPV382
850nm VCSEL technology
High thermal stability
Low drive current
High output power
Narrow Beam Angle
The OPV382 is a Vertical Cavity Surface Emitting Laser (VCSEL) packaged in a dome lens lateral package.
VCSELs offer many advantages in sensing applications when compared to infrared LEDs. These devices require
substantially lower drive currents to obtain the same amount of output power as LEDs. This feature allows
VCSELs to be used in low power consumption applications such as battery operated equipment.
The dome lens packaging creates a narrow beam angle from the device. Long distance applications may benefit
from this feature as secondary optics may be eliminated, reducing total system cost. The OPV382 is optically and
spectrally compatible with Optek’s standard detector products such as the OP500 series phototransistors, OP530
series photodarlingtons and the OP900 series photodiodes.
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc.— 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (800) 341-4747 FAX: (972) 323– 2396 sensors@optekinc.com www.optekinc.com
A subsidiary of
TT electronics plc
Additional laser safety information can be
found on the Optek website. See application
bulletin #221.
Classification is not marked on the device
due to space limitations. See package out-
line for centerline of optical radiance. Oper-
ating devices beyond maximum rating may
result in hazardous radiation exposure.
1
2
VCSEL
Emission
Surface
OPV382
Pin
Connection
1
Cathode
2
Anode
Pb
LEAD FREE


Podobny numer części - OPV382_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OPTEK Technologies
OPV382 OPTEK-OPV382 Datasheet
188Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
logo
TT Electronics.
OPV382 TTELEC-OPV382 Datasheet
679Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral Package
More results

Podobny opis - OPV382_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OPTEK Technologies
OPV382 OPTEK-OPV382 Datasheet
188Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
OPV380 OPTEK-OPV380 Datasheet
215Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
logo
TT Electronics.
OPV380 TTELEC-OPV380 Datasheet
762Kb / 4P
   Vertical Cavity Surface Emitting Laser in Lateral Package
OPV382 TTELEC-OPV382 Datasheet
679Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral Package
logo
OPTEK Technologies
OPV380 OPTEK-OPV380_14 Datasheet
182Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
OPV280 OPTEK-OPV280 Datasheet
265Kb / 4P
   Vertical Cavity Surface Emitting Laser in Plastic Lateral Package
logo
TT Electronics.
OPV322 TTELEC-OPV322 Datasheet
707Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral Pill Package
OPV330 TTELEC-OPV330 Datasheet
723Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral T-1 Package
OPV332 TTELEC-OPV332 Datasheet
707Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral T-1 Package
logo
OPTEK Technologies
OPV220 OPTEK-OPV220 Datasheet
232Kb / 4P
   Vertical Cavity Surface Emitting Laser in Pill Package
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com