Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54-370-007 Arkusz danych(PDF) 10 Page - Spectrum Microwave, Inc.

Numer części 54-370-007
Szczegółowy opis  Hermetically Sealed Threaded Case Filters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SPECTRUM [Spectrum Microwave, Inc.]
Strona internetowa  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

54-370-007 Arkusz danych(HTML) 10 Page - Spectrum Microwave, Inc.

Back Button 54-370-007 Datasheet HTML 6Page - Spectrum Microwave, Inc. 54-370-007 Datasheet HTML 7Page - Spectrum Microwave, Inc. 54-370-007 Datasheet HTML 8Page - Spectrum Microwave, Inc. 54-370-007 Datasheet HTML 9Page - Spectrum Microwave, Inc. 54-370-007 Datasheet HTML 10Page - Spectrum Microwave, Inc. 54-370-007 Datasheet HTML 11Page - Spectrum Microwave, Inc. 54-370-007 Datasheet HTML 12Page - Spectrum Microwave, Inc. 54-370-007 Datasheet HTML 13Page - Spectrum Microwave, Inc. 54-370-007 Datasheet HTML 14Page - Spectrum Microwave, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Hermetically Sealed
Threaded Case Filters
.200
(5.08)
.160
(4.064)
Max.
A/B
.115 Ref.
(2.92)
L
1/4–28 Unf–2A Thd.
.050
(1.27) x .070 (1.78)
Slot, both ends
ø .385 Max.
(9.78)
Note: Max. O.D. is ø .416" for Military QPL Filters.
Figure 1
85°C
125°C
Rated Voltage
DC
AC
8
8
17
4
4
4
11
22
22
27
25
19
19
57
13
8
8
30
28
34
40
24
24
70
29
14
14
55
43
44
70
39
34
70
59
29
24
70
70
60
70
70
57
70
70
70
47
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
SCI-2040-012
SCI-2040-013
¦ 9004-100-2017
SCI-2140-004
SCI-2140-006
SCI-2140-007
SCI-2340-009
SCI-2340-004
SCI-2340-013
SCI-2340-014
Figure
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
1
1
1
1
1
1
1
1
2.00
3.00
15.0
1.00
3.00
10.0
0.25
1.00
3.00
10.0
1.400
1.400
1.400
0.500
0.500
0.500
0.150
0.150
0.150
0.150
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
80
80
80
150
150
150
300
300
300
300
50
50
50
100
100
100
300
300
300
300
125
125
125
125
DC
AC
MIL
No
Max
L
1.071
1.071
1.179
1.070
1.071
1.071
1.071
1.071
1.071
1.071
(27.203)
(27.203)
(29.947)
(27.178)
(27.203)
(27.203)
(27.203)
(27.203)
(27.203)
(27.203)
In
(mm)
DCR
Max
Ohms
0.126
0.054
0.005
0.500
0.054
0.010
8.000
0.500
0.054
0.010
Thd
Lgth
B
B
A
A
A
A
B
A
B
B
¦ Also available through Spectrum Control’s authorized distributors.
¦ Also available through Spectrum Control’s authorized distributors.
85°C
125°C
Rated Voltage
DC
AC
10
10
22
22
13
11
31
28
21
18
55
43
43
33
80
80
80
80
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
.375 ø T Circuit MIL Qualified Product
51-382-609
51-382-603
¦ 51-351-604
51-351-603
Figure
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
1
1
2.00
4.00
2.00
4.00
0.750
0.750
0.250
0.250
70
70
70
70
70
70
70
70
100
100
150
150
125
125
DC
AC
M15733
MIL
No
25-0024
25-0007
26-0012
26-0008
Max
L
1.179
1.345
1.179
1.345
(29.947)
(34.163)
(29.947)
(34.163)
In
(mm)
DCR
Max
Ohms
0.100
0.063
0.100
0.063
Thd
Lgth
B
A
A
A
(See MIL index on page 244-246 for complete
MIL part number listing)
Thread length: A - 0.187 (4.76) B - 0.312 (7.92)
.375 ø T Circuit
.375 ø T Circuit Standard Product
Dimensions in inches
(mm)
SPECTRUM CONTROL INC. • 8031 Avonia Rd. • Fairview, PA 16415 • Phone: 814-474-2207 • Fax: 814-474-2208 • Web site: www.spectrumcontrol.com
SPECTRUM CONTROL GmbH • Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
95
*1566 PRINTER 063-120 v2
12/4/06
9:13 AM
Page 31


Podobny numer części - 54-370-007

ProducentNumer częściArkusz danychSzczegółowy opis
logo
API Technologies Corp
54-370-007 APITECH-54-370-007 Datasheet
1Mb / 16P
   Hermetically Sealed Threaded Case Filters
More results

Podobny opis - 54-370-007

ProducentNumer częściArkusz danychSzczegółowy opis
logo
API Technologies Corp
51-311-308 APITECH-51-311-308 Datasheet
1Mb / 16P
   Hermetically Sealed Threaded Case Filters
logo
List of Unclassifed Man...
CL700 ETC2-CL700 Datasheet
39Kb / 1P
   HERMETICALLY SEALED TO-5 CASE
logo
Microsemi Corporation
1N4614 MICROSEMI-1N4614 Datasheet
120Kb / 2P
   Hermetically sealed glass case. DO - 35 outline.
logo
Thinki Semiconductor Co...
1N60 THINKISEMI-1N60 Datasheet
3Mb / 2P
   Hermetically Sealed Glass Case Point Contact Germanium Diode
logo
Vishay Siliconix
TSTS730 VISHAY-TSTS730 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS750 VISHAY-TSTS750 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7100 VISHAY-TSTA7100 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7300 VISHAY-TSTA7300 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7500 VISHAY-TSTA7500 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS710 VISHAY-TSTS710 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com