Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

70-ODC5 Arkusz danych(PDF) 2 Page - Grayhill, Inc

Numer części 70-ODC5
Szczegółowy opis  Transient Protection: Meets the requirements of IEEE 472
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GRAYHILL [Grayhill, Inc]
Strona internetowa  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

70-ODC5 Arkusz danych(HTML) 2 Page - Grayhill, Inc

  70-ODC5 Datasheet HTML 1Page - Grayhill, Inc 70-ODC5 Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
DC Output Modules
Available from your local Grayhill Distributor.
For prices and discounts, contact a local Sales
Office, an authorized local Distributor or Grayhill.
Miniature, Normally Open
70M-ODC5 70M-ODC5A
70M-ODC5B
70M-ODC15
70M-ODC15B
70M-ODC24 70M-ODC24B
Standard, Normally Open
70-ODC5
70-ODC5A
70-ODC5B
70-ODC15
70-ODC15B
70-ODC24
70-ODC24B
Specifications
Units
Maximum Line Voltage
Vdc
60
200
60
60
60
60
60
Load Voltage Range
Vdc
3-60
4-200
3-60
3-60
3-60
3-60
3-60
Max. Off-State Leakage @ Max. Line
mA
1.5
0.01
0.01
1.5
0.01
1.5
0.01
Maximum Turn-On Time
µSec
20
75
75
20
75
20
75
Maximum Turn-Off Time
µSec
50
750
500
50
500
50
500
Typ. Power Dissipation
W/A
1
1.5
1
1
1
1
1
Clamping Voltage
Vdc
80
360
80
80
80
80
80
Nominal Logic Voltage (Vcc)
Vdc
5
5
5
15
15
24
24
Logic Voltage Range
Vdc
2.5-10
2.5-9
2.5-10
10-18
10-18
15-30
15-30
Maximum Logic Supply Current
@ Nominal Vcc
mA
14
18
14
9
9
9
9
Nominal Input Resistance (Rx)
300
220
300
1800
1800
2700
2700
Minimum Drop Out Voltage
Vdc
1
1
1
1
1
1
1
Type/Function
Grayhill Part Number
Standard and Miniature Modules
SPECIFICATIONS: By Part Number
G5 and OpenLine® Modules
70G-ODC5
70G-ODC5
70G-ODC5
70G-ODC5
70G-ODC5
70G-ODC5A
70G-ODC5A
70G-ODC5A
70G-ODC5A
70G-ODC5A
70G-ODC5B
70G-ODC5B
70G-ODC5B
70G-ODC5B
70G-ODC5B
70G-ODC15
70G-ODC15
70G-ODC15
70G-ODC15
70G-ODC15
70G-ODC15B
70G-ODC15B
70G-ODC15B
70G-ODC15B
70G-ODC15B
70G-ODC24
70G-ODC24
70G-ODC24
70G-ODC24
70G-ODC24
70G-ODC24B
70G-ODC24B
70G-ODC24B
70G-ODC24B
70G-ODC24B
Maximum Line Voltage
Vdc
60
200
60
60
60
60
60
Load Voltage Range
Vdc
3-60
4-200
3-60
3-60
3-60
3-60
3-60
Max. Off-State Leakage @ Max. Line
mA
1.5
0.01
0.01
1.5
0.01
1.5
0.01
Maximum Turn-On Time
µSec
20
75
75
20
75
20
75
Maximum Turn-Off Time
µSec
50
750
500
50
500
50
500
Typ. Power Dissipation
W/A
1
1.5
1
1
1
1
1
Clamping Voltage
Vdc
80
360
80
80
80
80
80
Nominal Logic Voltage (Vcc)
Vdc
5
5
5
15
15
24
24
Logic Voltage Range
Vdc
4-6
4-6
4-6
10-20
10-20
18-32
18-32
Maximum Logic Supply Current
@ Nominal Vcc
mA
13
13
13
9
9
9
9
Nominal Input Resistance (Rx)
150
150
150
1500
1500
2700
2700
Minimum Drop Out Voltage
Vdc
1
1
1
1
1
1
1
Grayhill Part Number
Type/Function
Fusible, Normally Open
Specifications
Units
OpenLine® Modules
Type/Function
Grayhill Part Number
Dual, Fusible, Normally Open
70L-ODC
70L-ODCA
70L-ODCB
Specifications
Units
Maximum Line Voltage
Vdc
60
200
60
Load Voltage Range
Vdc
3-60
4-200
3-60
Max. Off-State Leakage @ Max. Line
mA
1.5
.01
.01
Maximum Turn-On Time
µSec
20
75
75
Maximum Turn-Off Time
µSec
50
750
500
Typ. Power Dissipation
WA
1
1.5
1
Clamping Voltage
Vdc
80
360
80
Nominal Logic Voltage (Vcc)
Vdc
5
5
5
Logic Voltage Range
Vdc
4.5-28
4.5-28
4.5-28
Maximum Logic Supply Current
@ Nominal Vcc
mA
7/CH
7/CH
7/CH
Module ID Resistance to Logic
Ground
2.15K
2.15K
2.15K
Minimum Drop Out Voltage
Vdc
1
1
1
I/O
9


Podobny numer części - 70-ODC5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Grayhill, Inc
70-ODC5 GRAYHILL-70-ODC5 Datasheet
125Kb / 2P
   DC Output Modules
70-ODC5A GRAYHILL-70-ODC5A Datasheet
125Kb / 2P
   DC Output Modules
70-ODC5B GRAYHILL-70-ODC5B Datasheet
125Kb / 2P
   DC Output Modules
70-ODC5R GRAYHILL-70-ODC5R Datasheet
113Kb / 2P
   Dry Contact and Mechanical Relay Output Modules
70-ODC5R GRAYHILL-70-ODC5R Datasheet
350Kb / 2P
   G5 and OpenLine짰 Modules Provide Replaceable 5x20mm Glass Fuse
More results

Podobny opis - 70-ODC5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Grayhill, Inc
70L-IAC GRAYHILL-70L-IAC_10 Datasheet
85Kb / 2P
   Transient Protection: Meets the requirements of IEEE 472
70L-OAC GRAYHILL-70L-OAC Datasheet
85Kb / 2P
   Transient Protection: Meets the requirements of IEEE 472, Surge Withstanding Capability Test
logo
TE Connectivity Ltd
T92 TEC-T92 Datasheet
1Mb / 4P
   Meets requirements of UL Class F construction
logo
List of Unclassifed Man...
BL600 ETC2-BL600 Datasheet
123Kb / 2P
   Meets Safety Agency Requirements
logo
Pulse A Technitrol Comp...
PE-67300NL PULSE-PE-67300NL Datasheet
59Kb / 1P
   Meets IEC950 insulation requirements
logo
List of Unclassifed Man...
TF-61602 ETC1-TF-61602 Datasheet
349Kb / 1P
   Icolation and ompedance matching the requirements of IEEE 802.3 for 10 Base-T
logo
Intersil Corporation
AN1690.0 INTERSIL-AN1690.0 Datasheet
268Kb / 3P
   Electronics Meets the Challenges of Patient Monitors
logo
List of Unclassifed Man...
SFX-0500 ETC2-SFX-0500 Datasheet
596Kb / 10P
   specification describes the requirements of 200,220,250,275Watts
logo
Phihong USA Inc.
PSAA06A-120L6 PHIHONG-PSAA06A-120L6 Datasheet
1Mb / 2P
   6W Adapter Meets Level VI Requirements
logo
Texas Instruments
SN75ALS173NSR TI-SN75ALS173NSR Datasheet
452Kb / 12P
[Old version datasheet]   Meets or Exceeds the Requirements of ITU Recommendations V.10, V.11, X.26, and X.27
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com