Zakładka z wyszukiwarką danych komponentów |
|
LM1114-1.8M3-0-T2-G Arkusz danych(PDF) 11 Page - Cystech Electonics Corp. |
|
LM1114-1.8M3-0-T2-G Arkusz danych(HTML) 11 Page - Cystech Electonics Corp. |
11 / 12 page CYStech Electronics Corp. Spec. No. : C505M3 Issued Date : 2003.03.21 Revised Date : 2014.01.03 Page No. : 11/12 LM1114M3/A3 CYStek Product Specification TO-92 Dimension *: Typical Inches Millimeters Inches Millimeters DIM Min. Max. Min. Max. DIM Min. Max. Min. Max. A 0.1704 0.1902 4.33 4.83 G 0.0142 0.0220 0.36 0.56 B 0.1704 0.1902 4.33 4.83 H - * 0.1000 - * 2.54 C 0.5000 - 12.70 - I - * 0.0500 - * 1.27 D 0.0142 0.0220 0.36 0.56 α1 - * 5 ° - * 5 ° E - * 0.0500 - * 1.27 α2 - * 2 ° - * 2 ° F 0.1323 0.1480 3.36 3.76 α3 - * 2 ° - * 2 ° Notes: 1.Dimension and tolerance based on our Spec. dated Apr. 18,2002. 2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local CYStek sales office. Material: • Lead: Pure tin plated. • Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0. LM 1114 □□□□ Marking: 3 1 A D B C I α1 E F α2 2 α3 Device Name Date Code Voltage: 1.8V→18 2.5V→25 3.0V→30 3.3V→33 3.6V→36 5.0V→50 H G Style: Pin 1.Vss 2.Vin 3.Vout 3-Lead TO-92 Plastic Package CYStek Package Code: A3 |
Podobny numer części - LM1114-1.8M3-0-T2-G |
|
Podobny opis - LM1114-1.8M3-0-T2-G |