Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM1114-3.3M3-0-T2-G Arkusz danych(PDF) 11 Page - Cystech Electonics Corp.

Numer części LM1114-3.3M3-0-T2-G
Szczegółowy opis  Low Dropout CMOS Voltage Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM1114-3.3M3-0-T2-G Arkusz danych(HTML) 11 Page - Cystech Electonics Corp.

Back Button LM1114-3.3M3-0-T2-G Datasheet HTML 4Page - Cystech Electonics Corp. LM1114-3.3M3-0-T2-G Datasheet HTML 5Page - Cystech Electonics Corp. LM1114-3.3M3-0-T2-G Datasheet HTML 6Page - Cystech Electonics Corp. LM1114-3.3M3-0-T2-G Datasheet HTML 7Page - Cystech Electonics Corp. LM1114-3.3M3-0-T2-G Datasheet HTML 8Page - Cystech Electonics Corp. LM1114-3.3M3-0-T2-G Datasheet HTML 9Page - Cystech Electonics Corp. LM1114-3.3M3-0-T2-G Datasheet HTML 10Page - Cystech Electonics Corp. LM1114-3.3M3-0-T2-G Datasheet HTML 11Page - Cystech Electonics Corp. LM1114-3.3M3-0-T2-G Datasheet HTML 12Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C505M3
Issued Date : 2003.03.21
Revised Date : 2014.01.03
Page No. : 11/12
LM1114M3/A3
CYStek Product Specification
TO-92 Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.1704
0.1902
4.33
4.83
G
0.0142
0.0220
0.36
0.56
B
0.1704
0.1902
4.33
4.83
H
-
*
0.1000
-
*
2.54
C
0.5000
-
12.70
-
I
-
*
0.0500
-
*
1.27
D
0.0142
0.0220
0.36
0.56
α1
-
*
5
°
-
*
5
°
E
-
*
0.0500
-
*
1.27
α2
-
*
2
°
-
*
2
°
F
0.1323
0.1480
3.36
3.76
α3
-
*
2
°
-
*
2
°
Notes: 1.Dimension and tolerance based on our Spec. dated Apr. 18,2002.
2.Controlling dimension: millimeters.
3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
4.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
LM
1114
□□□□
Marking:
3
1
A
D
B
C
I
α1
E
F
α2
2
α3
Device Name
Date Code
Voltage:
1.8V→18
2.5V→25
3.0V→30
3.3V→33
3.6V→36
5.0V→50
H
G
Style: Pin 1.Vss 2.Vin 3.Vout
3-Lead TO-92 Plastic Package
CYStek Package Code: A3


Podobny numer części - LM1114-3.3M3-0-T2-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
LM1114-3.3M3 CYSTEKEC-LM1114-3.3M3 Datasheet
238Kb / 10P
   Low Dropout CMOS Voltage Regulators
LM1114-3.3M3B-0-T2-G CYSTEKEC-LM1114-3.3M3B-0-T2-G Datasheet
321Kb / 11P
   Low Dropout CMOS Voltage Regulators
More results

Podobny opis - LM1114-3.3M3-0-T2-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
LM1114A3B CYSTEKEC-LM1114A3B Datasheet
321Kb / 11P
   Low Dropout CMOS Voltage Regulators
PL5209M3 CYSTEKEC-PL5209M3 Datasheet
157Kb / 3P
   Low Dropout CMOS Voltage Regulators
PL5209L3 CYSTEKEC-PL5209L3 Datasheet
158Kb / 3P
   Low Dropout CMOS Voltage Regulators
LM1114BA3 CYSTEKEC-LM1114BA3 Datasheet
385Kb / 15P
   Low Dropout CMOS Voltage Regulators
LM1114 CYSTEKEC-LM1114 Datasheet
238Kb / 10P
   Low Dropout CMOS Voltage Regulators
LM1114BM3 CYSTEKEC-LM1114BM3 Datasheet
386Kb / 15P
   Low Dropout CMOS Voltage Regulators
LM1114BN3 CYSTEKEC-LM1114BN3 Datasheet
385Kb / 15P
   Low Dropout CMOS Voltage Regulators
LM1114A3 CYSTEKEC-LM1114A3 Datasheet
342Kb / 12P
   Low Dropout CMOS Voltage Regulators
LM1114M3B CYSTEKEC-LM1114M3B Datasheet
321Kb / 11P
   Low Dropout CMOS Voltage Regulators
LM6206N3 CYSTEKEC-LM6206N3 Datasheet
198Kb / 6P
   Low Dropout CMOS Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com