Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM1114-3.3BN3-0-T1-G Arkusz danych(PDF) 3 Page - Cystech Electonics Corp.

Numer części LM1114-3.3BN3-0-T1-G
Szczegółowy opis  Low Dropout CMOS Voltage Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM1114-3.3BN3-0-T1-G Arkusz danych(HTML) 3 Page - Cystech Electonics Corp.

  LM1114-3.3BN3-0-T1-G Datasheet HTML 1Page - Cystech Electonics Corp. LM1114-3.3BN3-0-T1-G Datasheet HTML 2Page - Cystech Electonics Corp. LM1114-3.3BN3-0-T1-G Datasheet HTML 3Page - Cystech Electonics Corp. LM1114-3.3BN3-0-T1-G Datasheet HTML 4Page - Cystech Electonics Corp. LM1114-3.3BN3-0-T1-G Datasheet HTML 5Page - Cystech Electonics Corp. LM1114-3.3BN3-0-T1-G Datasheet HTML 6Page - Cystech Electonics Corp. LM1114-3.3BN3-0-T1-G Datasheet HTML 7Page - Cystech Electonics Corp. LM1114-3.3BN3-0-T1-G Datasheet HTML 8Page - Cystech Electonics Corp. LM1114-3.3BN3-0-T1-G Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CYStech Electronics Corp.
Spec. No. : C505N3-B
Issued Date : 2003.03.21
Revised Date : 2014.01.03
Page No. : 3/15
LM1114BM3/N3/A3
CYStek Product Specification
Ordering Information
Device
Output Voltage
Package
Shipping
LM1114-1.8 BA3 -0-TB -G
1.8V
TO-92
(Pb-free lead plating and halogen-free package)
Tape & Box / 2K
LM1114-1.8 BN3 -0-T1 -G
1.8V
SOT-23
(Pb-free lead plating and halogen-free package)
Tape & Reel / 3K
LM1114-1.8 BM3 -0-T2 -G
1.8V
SOT-89
(Pb-free lead plating and halogen-free package)
Tape & Reel / 1K
LM1114-2.5 BA3 -0-TB -G
2.5V
TO-92
(Pb-free lead plating and halogen-free package)
Tape & Box / 2K
LM1114-2.5 BN3 -0-T1 -G
2.5V
SOT-23
(Pb-free lead plating and halogen-free package)
Tape & Reel / 3K
LM1114-2.5 BM3 -0-T2 -G
2.5V
SOT-89
(Pb-free lead plating and halogen-free package)
Tape & Reel / 1K
LM1114-3.0 BA3 -0-TB -G
3.0V
TO-92
(Pb-free lead plating and halogen-free package)
Tape & Box / 2K
LM1114-3.0 BN3 -0-T1 -G
3.0V
SOT-23
(Pb-free lead plating and halogen-free package)
Tape & Reel / 3K
LM1114-3.0 BM3 -0-T2 -G
3.0V
SOT-89
(Pb-free lead plating and halogen-free package)
Tape & Reel / 1K
LM1114-3.3 BA3 -0-TB -G
3.3V
TO-92
(Pb-free lead plating and halogen-free package)
Tape & Box / 2K
LM1114-3.3 BN3 -0-T1 -G
3.3V
SOT-23
(Pb-free lead plating and halogen-free package)
Tape & Reel / 3K
LM1114-3.3 BM3 -0-T2 -G
3.3V
SOT-89
(Pb-free lead plating and halogen-free package)
Tape & Reel / 1K
LM1114-3.6 BA3 -0-TB -G
3.6V
TO-92
(Pb-free lead plating and halogen-free package)
Tape & Box / 2K
LM1114-3.6 BN3 -0-T1 -G
3.6V
SOT-23
(Pb-free lead plating and halogen-free package)
Tape & Reel / 3K
LM1114-3.6 BM3 -0-T2 -G
3.6V
SOT-89
(Pb-free lead plating and halogen-free package)
Tape & Reel / 1K
LM1114-5.0 BA3 -0-TB -G
5.0V
TO-92
(Pb-free lead plating and halogen-free package)
Tape & Box / 2K
LM1114-5.0 BN3 -0-T1 -G
5.0V
SOT-23
(Pb-free lead plating and halogen-free package)
Tape & Reel / 3K
LM1114-5.0 BM3 -0-T2 -G
5.0V
SOT-89
(Pb-free lead plating and halogen-free package)
Tape & Reel / 1K
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T2 :1000 pcs/tape & reel, 7” reel ; TB : 2000 pcs/ tape & box ;
T1 : 3000 pcs/tape & reel, 7” reel
Product rank, zero for no rank products
Product name


Podobny numer części - LM1114-3.3BN3-0-T1-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
LM1114-3.3BN3-0-T1-G CYSTEKEC-LM1114-3.3BN3-0-T1-G Datasheet
385Kb / 15P
   Low Dropout CMOS Voltage Regulators
LM1114-3.3BN3-0-T1-G CYSTEKEC-LM1114-3.3BN3-0-T1-G Datasheet
386Kb / 15P
   Low Dropout CMOS Voltage Regulators
More results

Podobny opis - LM1114-3.3BN3-0-T1-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
LM1114A3B CYSTEKEC-LM1114A3B Datasheet
321Kb / 11P
   Low Dropout CMOS Voltage Regulators
PL5209M3 CYSTEKEC-PL5209M3 Datasheet
157Kb / 3P
   Low Dropout CMOS Voltage Regulators
PL5209L3 CYSTEKEC-PL5209L3 Datasheet
158Kb / 3P
   Low Dropout CMOS Voltage Regulators
LM1114BA3 CYSTEKEC-LM1114BA3 Datasheet
385Kb / 15P
   Low Dropout CMOS Voltage Regulators
LM1114 CYSTEKEC-LM1114 Datasheet
238Kb / 10P
   Low Dropout CMOS Voltage Regulators
LM1114BM3 CYSTEKEC-LM1114BM3 Datasheet
386Kb / 15P
   Low Dropout CMOS Voltage Regulators
LM1114M3 CYSTEKEC-LM1114M3 Datasheet
342Kb / 12P
   Low Dropout CMOS Voltage Regulators
LM1114A3 CYSTEKEC-LM1114A3 Datasheet
342Kb / 12P
   Low Dropout CMOS Voltage Regulators
LM1114M3B CYSTEKEC-LM1114M3B Datasheet
321Kb / 11P
   Low Dropout CMOS Voltage Regulators
LM6206N3 CYSTEKEC-LM6206N3 Datasheet
198Kb / 6P
   Low Dropout CMOS Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com