Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM1117-2.5M3-0-T2-G Arkusz danych(PDF) 3 Page - Cystech Electonics Corp.

Numer części LM1117-2.5M3-0-T2-G
Szczegółowy opis  1A Low Dropout Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM1117-2.5M3-0-T2-G Arkusz danych(HTML) 3 Page - Cystech Electonics Corp.

  LM1117-2.5M3-0-T2-G Datasheet HTML 1Page - Cystech Electonics Corp. LM1117-2.5M3-0-T2-G Datasheet HTML 2Page - Cystech Electonics Corp. LM1117-2.5M3-0-T2-G Datasheet HTML 3Page - Cystech Electonics Corp. LM1117-2.5M3-0-T2-G Datasheet HTML 4Page - Cystech Electonics Corp. LM1117-2.5M3-0-T2-G Datasheet HTML 5Page - Cystech Electonics Corp. LM1117-2.5M3-0-T2-G Datasheet HTML 6Page - Cystech Electonics Corp. LM1117-2.5M3-0-T2-G Datasheet HTML 7Page - Cystech Electonics Corp. LM1117-2.5M3-0-T2-G Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C506M3
Issued Date : 2007.07.10
Revised Date :2013.09.25
Page No. : 3/8
LM1117M3 series
CYStek Product Specification
Electrical Characteristics @ IO=10mA,TJ=25℃, unless otherwise specified
Parameter
Device
Test Conditions
Min
Typ
Max Units
Reference voltage
Adj version VIN-VOUT=1.5V
1.225 1.250 1.275
V
LM1117-1.5 3.0V≤VIN≤12V
1.470 1.500 1.530
V
LM1117-1.8 3.3V≤VIN≤12V
1.764 1.800 1.836
V
LM1117-2.5 4.0V≤VIN≤12V
2.450 2.500 2.550
V
LM1117-3.3 4.8V≤VIN≤12V
3.235 3.300 3.365
V
Output Voltage
LM1117-5.0 6.5V≤VIN≤12V
4.900 5.000 5.100
V
Line Regulation
All version
VOUT+1.5V≤VIN≤12V
-
-
0.2
%
LM1117-ADJ VIN=3.3V, Vadj=0, 10mA≤IO≤1A
-
-
1
%
LM1117-1.5 VIN=3.0V, 0mA≤IO≤1A
-
12
15
mV
LM1117-1.8 VIN=3.3V, 0mA≤IO≤1A
-
15
18
mV
LM1117-2.5 VIN=4.0V, 0mA≤IO≤1A
-
20
25
mV
LM1117-3.3 VIN=5.0V, 0mA≤IO≤1A
-
26
33
mV
Load Regulation
(Note 1, 2)
LM1117-5.0 VIN=8.0V, 0mA≤IO≤1A
-
40
50
mV
Dropout Voltage
(VIN-VOUT)
All version
IO=1A (ΔVOUT=1%VOUT)
-
1.3
1.4
V
Current Limit
All version
VIN-VOUT=5V
1.1
-
-
A
Minimum Load
Current
Adj version VIN=5V
-
5
10
mA
Adjust Pin Current
Adj version VIN=12V, IO=10mA
-
50
100
μA
Quiescent Current
Fixed version VIN=12V, IO=0mA
-
-
12
mA
Thermal Regulation
All version TA=25℃, 30ms pulse
-
0.008 0.04
%/W
Ripple Rejection
All version f=120Hz, VIN=VOUT+3V, IO= 1A,
COUT=25μF tantalum
60
70
-
dB
Temperature Stability
All version IO= 10mA
-
0.5
-
%
Thermal Resistance,
Junction to Ambient(
No heat sink, no air
flow)
All version
-
300
-
/W
Thermal Resistance,
Junction to Case
All version Control Circuitry/ Power transistor
-
100
-
/W
Note : 1.See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured at
a constant junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead 1/18” from the
package.
2. Line and load regulation are guaranteed up to the maximum power dissipation of 3W. Power dissipation is determined by the
difference in input and output and the output current. Guaranteed maximum power dissipation will not be available over the full
input/output range.


Podobny numer części - LM1117-2.5M3-0-T2-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
LM1117-2.5M3 CYSTEKEC-LM1117-2.5M3 Datasheet
372Kb / 7P
   1A Low Dropout Positive Voltage Regulator
More results

Podobny opis - LM1117-2.5M3-0-T2-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com