Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA2590-0000-000R00AB35F Arkusz danych(PDF) 1 Page - Cree, Inc

Numer części CXA2590-0000-000R00AB35F
Szczegółowy opis  Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CREE [Cree, Inc]
Strona internetowa  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2590-0000-000R00AB35F Arkusz danych(HTML) 1 Page - Cree, Inc

  CXA2590-0000-000R00AB35F Datasheet HTML 1Page - Cree, Inc CXA2590-0000-000R00AB35F Datasheet HTML 2Page - Cree, Inc CXA2590-0000-000R00AB35F Datasheet HTML 3Page - Cree, Inc CXA2590-0000-000R00AB35F Datasheet HTML 4Page - Cree, Inc CXA2590-0000-000R00AB35F Datasheet HTML 5Page - Cree, Inc CXA2590-0000-000R00AB35F Datasheet HTML 6Page - Cree, Inc CXA2590-0000-000R00AB35F Datasheet HTML 7Page - Cree, Inc CXA2590-0000-000R00AB35F Datasheet HTML 8Page - Cree, Inc CXA2590-0000-000R00AB35F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Product family data sheet
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree
logo, XLamp® and easyWhite® are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.407.5300
cree
® Xlamp® cXa2590 led
Product descriPtion
The XLamp CXA2590 expands
Cree’s family of High Density (HD)
LeD arrays, featuring a 19-mm
optical source and enabling lighting
manufacturers to create a new
generation of products that delivers
the same intensity and light quality
as up to 150-W ceramic metal
halide (CmH) at up to 50 percent
lower power. The new HD class
of CXA arrays provide unrivaled
lumen density that can reduce
system cost for the next generation
of LeD spotlights.
The
CXA
LeD
Design
Guide
provides basic information on the
requirements to use the CXA2590
LeD
successfully
in
luminaire
designs.1
1
Cree XLamp CXA LeD Design Guide,
Design Guide DG02, www.cree.com/
xlamp_app_notes/cxa_design_guide
features
• Available in 4-step and 2-step
easyWhite® bins at 2700 K,
3000 K, 3500 K, 4000 K,
5000 K, 5700 K and 6500 K
CCT
• Available in ANSI white bins at
4000 K, 5000 K, 5700 K and
6500 K CCT
• Available in 70-, 80- and
93-minimum CRI options
• Forward voltage: 69 v
• 85 °C binning and
characterization
• maximum drive current:
1800 mA
• 115° viewing angle, uniform
chromaticity profile
• Top-side solder connections
• Thermocouple attach point
• NEMASSL-32011standardflux
bins
table of contents
Characteristics .............................. 2
operating Limits............................ 2
Flux Characteristics, easyWhite
order Codes and Bins .................... 3
Flux Characteristics, ANSI White
order Codes and Bins .................... 5
Relative Spectral power Distribution . 6
electrical Characteristics................. 6
Relative Luminous Flux................... 7
Typical Spatial Distribution.............. 8
performance Groups - Brightness..... 8
performance Groups - Chromaticity.. 9
Cree easyWhite Bins plotted on the
CIe 1931 Color Space ...................11
Cree ANSI White Bins plotted on
the CIe 1931 Color Space ..............12
Bin and order Code Formats ..........13
mechanical Dimensions..................13
Thermal Design............................14
Notes..........................................15
packaging....................................16


Podobny numer części - CXA2590-0000-000R00AB35F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA2596 SONY-CXA2596 Datasheet
278Kb / 17P
   RF Amplifier for CD Players
CXA2596M SONY-CXA2596M Datasheet
278Kb / 17P
   RF Amplifier for CD Players
CXA2598M SONY-CXA2598M Datasheet
71Kb / 8P
   PDIC for CD-R/RW
More results

Podobny opis - CXA2590-0000-000R00AB35F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
CXA1850 CREE-CXA1850 Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
MK-R CREE-MK-R Datasheet
1Mb / 33P
   Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
CXB1310 CREE-CXB1310 Datasheet
2Mb / 20P
   Available in 5-step EasyWhite
CXB1520 CREE-CXB1520 Datasheet
2Mb / 15P
   Available in 5-step EasyWhite
logo
Shenzhen Huazhimei Semi...
HM3345 HMSEMI-HM3345 Datasheet
1Mb / 8P
   Step-up, step-down, step-up and step-down LED driver chip
logo
Mallory Sonalert Produc...
MSE28MTT3S MSPI-MSE28MTT3S Datasheet
48Kb / 1P
   Step Volume at 15 sec
logo
Mallory performance clu...
PN8732 MALLORY-PN8732 Datasheet
241Kb / 4P
   Digital 2-Step
8732 MALLORY-8732 Datasheet
241Kb / 4P
   Digital 2-Step
logo
Mallory Sonalert Produc...
MSE28LDT8S MSPI-MSE28LDT8S Datasheet
48Kb / 1P
   Step Volume at 15 sec
logo
Hammond Manufacturing L...
1457K1602 HAMMOND-1457K1602 Datasheet
994Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com