Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3-1546657-0 Arkusz danych(PDF) 2 Page - Tyco Electronics

Numer części 3-1546657-0
Szczegółowy opis  Engineering Notes
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1546657-0 Arkusz danych(HTML) 2 Page - Tyco Electronics

  3-1546657-0 Datasheet HTML 1Page - Tyco Electronics 3-1546657-0 Datasheet HTML 2Page - Tyco Electronics 3-1546657-0 Datasheet HTML 3Page - Tyco Electronics 3-1546657-0 Datasheet HTML 4Page - Tyco Electronics 3-1546657-0 Datasheet HTML 5Page - Tyco Electronics 3-1546657-0 Datasheet HTML 6Page - Tyco Electronics 3-1546657-0 Datasheet HTML 7Page - Tyco Electronics 3-1546657-0 Datasheet HTML 8Page - Tyco Electronics 3-1546657-0 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 69 page
background image
113
2
Catalog 1308389
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 8706-080-208
Note: All part numbers
are RoHS Compliant.
BUCHANAN Terminal Blocks
Table of Contents—Barrier Strips
Overview ……………………………………………………………………………………114-118
(Barrier Strip Selector Chart) …………………………………………………………114, 115
Tri-Barrier Strips …………………………………………………………………………119-138
0.250" Pitch ……………………………………………………………………………120-123
0.325" Pitch ……………………………………………………………………………124-127
0.375" Pitch ……………………………………………………………………………128-135
0.4375" Pitch ……………………………………………………………………………136-138
Dual-Barrier Strips ………………………………………………………………………139-160
0.250" Pitch ……………………………………………………………………………141-142
0.325" Pitch ……………………………………………………………………………143-146
0.375" Pitch ……………………………………………………………………………147-150
0.4375" Pitch ……………………………………………………………………………151-154
0.375" Double Row, Panel Mount ……………………………………………………155-156
0.433" Double Row, Panel Mount …………………………………………………………157
0.437" Double Row, Panel Mount …………………………………………………………158
0.563" Double Row, Panel Mount …………………………………………………………160
Sockets and Barrier Strips ……………………………………………………………161-173
0.325" Pitch, Series USB3 Socket
………………………………………………………162
0.375" Pitch, Series RSB6B Socket ………………………………………………………163
0.325" Pitch, Series RSB3 Tri-Barrier ………………………………………………164-166
0.325" Pitch, Series SSB3 Dual-Barrier
……………………………………………168-170
0.375" Pitch, Series RSB6 Tri-Barrier ………………………………………………171-173
Accessories ………………………………………………………………………………174-179


Podobny numer części - 3-1546657-0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
3-1546670-0 MACOM-3-1546670-0 Datasheet
456Kb / 3P
   DOUBLE ROW BARRIER STRIP W/ BINDING HD SCREW, 437 SPACING
3-1546670-1 MACOM-3-1546670-1 Datasheet
456Kb / 3P
   DOUBLE ROW BARRIER STRIP W/ BINDING HD SCREW, 437 SPACING
3-1546670-2 MACOM-3-1546670-2 Datasheet
456Kb / 3P
   DOUBLE ROW BARRIER STRIP W/ BINDING HD SCREW, 437 SPACING
3-1546670-3 MACOM-3-1546670-3 Datasheet
456Kb / 3P
   DOUBLE ROW BARRIER STRIP W/ BINDING HD SCREW, 437 SPACING
3-1546670-4 MACOM-3-1546670-4 Datasheet
456Kb / 3P
   DOUBLE ROW BARRIER STRIP W/ BINDING HD SCREW, 437 SPACING
More results

Podobny opis - 3-1546657-0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
2-1437404-1 MACOM-2-1437404-1 Datasheet
17Mb / 69P
   Engineering Notes
2-1437402-5 MACOM-2-1437402-5 Datasheet
17Mb / 69P
   Engineering Notes
logo
List of Unclassifed Man...
20.101M ETC2-20.101M Datasheet
131Kb / 1P
   notes
logo
Murata Manufacturing Co...
MPAN-03 MURATA-MPAN-03 Datasheet
155Kb / 2P
   Application Notes
logo
IC-Haus GmbH
IC-WJZ ICHAUS-IC-WJZ Datasheet
114Kb / 3P
   APPLICATION NOTES
logo
Mitsubishi Electric Sem...
NF30-SP MITSUBISHI-NF30-SP Datasheet
1Mb / 105P
   TECHNICAL NOTES
logo
Astec America, Inc
ALQ07 ASTEC-ALQ07 Datasheet
493Kb / 28P
   Technical Reference Notes
logo
Tyco Electronics
C-1513247 MACOM-C-1513247 Datasheet
82Kb / 1P
   revised notes and te logo
logo
List of Unclassifed Man...
M995B ETC-M995B Datasheet
123Kb / 2P
   256 NOTES DUAL TONE
logo
Tyco Electronics
C-1513157 MACOM-C-1513157 Datasheet
95Kb / 1P
   rev notes and layout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com