Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTB04N03Q8 Arkusz danych(PDF) 4 Page - Cystech Electonics Corp.

Numer części MTB04N03Q8
Szczegółowy opis  N-Channel Logic Level Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB04N03Q8 Arkusz danych(HTML) 4 Page - Cystech Electonics Corp.

  MTB04N03Q8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB04N03Q8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB04N03Q8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB04N03Q8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB04N03Q8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB04N03Q8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB04N03Q8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB04N03Q8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB04N03Q8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C789Q8
Issued Date : 2011.12.16
Revised Date :
Page No. : 4/9
MTB04N03Q8
CYStek Product Specification
Typical Characteristics
Typical Output Characteristics
0
40
80
120
160
200
240
0
2468
10
VDS, Drain-Source Voltage(V)
7V,8V,9V,10V
VGS=3V
VGS=4V
VGS=5V
6V
VGS=2V
Brekdown Voltage vs Ambient Temperature
20
25
30
35
40
45
50
-100
-50
0
50
100
150
200
Tj, Junction Temperature(°C)
ID=250μA,
VGS=0V
Static Drain-Source On-State resistance vs Drain Current
1
10
100
1000
0.001
0.01
0.1
1
10
100
ID, Drain Current(A)
VGS=10V
VGS=2.5V
VGS=3V
VGS=4.5V
Reverse Drain Current vs Source-Drain Voltage
0.2
0.4
0.6
0.8
1
1.2
02
46
8
1
IDR, Reverse Drain Current(A)
0
Tj=25°C
Tj=150°C
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
10
20
30
40
50
60
70
80
90
100
02
4
6
8
10
Drain-Source On-State Resistance vs Junction Tempearture
0
2
4
6
8
10
12
-60 -40 -20
0
20 40 60 80 100 120 140 160
Tj, Junction Temperature(°C)
VGS=10V, ID=18A
VGS=4.5V, ID=12A
VGS, Gate-Source Voltage(V)
ID=18A


Podobny numer części - MTB04N03Q8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTB04N03Q8 CYSTEKEC-MTB04N03Q8 Datasheet
444Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB04N03Q8-0-T3-G CYSTEKEC-MTB04N03Q8-0-T3-G Datasheet
444Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB04N03Q8 CYSTEKEC-MTB04N03Q8_15 Datasheet
444Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results

Podobny opis - MTB04N03Q8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTB30N06V8 CYSTEKEC-MTB30N06V8 Datasheet
330Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN4402Q8 CYSTEKEC-MTN4402Q8 Datasheet
315Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN6515F3 CYSTEKEC-MTN6515F3 Datasheet
318Kb / 8P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03H8 CYSTEKEC-MTB02N03H8 Datasheet
345Kb / 11P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03Q8 CYSTEKEC-MTB02N03Q8 Datasheet
318Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTD55N10Q8 CYSTEKEC-MTD55N10Q8 Datasheet
379Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB13N03Q8 CYSTEKEC-MTB13N03Q8 Datasheet
327Kb / 8P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB1D7N03ATH8 CYSTEKEC-MTB1D7N03ATH8 Datasheet
427Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB4D0N03BV8 CYSTEKEC-MTB4D0N03BV8 Datasheet
459Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB11N03BQ8 CYSTEKEC-MTB11N03BQ8 Datasheet
405Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTA3D0N01H8 CYSTEKEC-MTA3D0N01H8 Datasheet
564Kb / 10P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com