Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTB05N03HQ8 Arkusz danych(PDF) 1 Page - Cystech Electonics Corp.

Numer części MTB05N03HQ8
Szczegółowy opis  N-Channel Logic Level Enhancement Mode Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB05N03HQ8 Arkusz danych(HTML) 1 Page - Cystech Electonics Corp.

  MTB05N03HQ8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB05N03HQ8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB05N03HQ8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB05N03HQ8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB05N03HQ8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB05N03HQ8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB05N03HQ8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB05N03HQ8 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C738Q8
Issued Date : 2009.08.19
Revised Date : 2011.10.03
Page No. : 1/8
MTB05N03HQ8
CYStek Product Specification
N-Channel Logic Level Enhancement Mode Power MOSFET
MTB05N03HQ8
BVDSS
30V
ID
20A
Description
RDSON(max)
5mΩ
The MTB05N03HQ8 is a N-channel enhancement-mode MOSFET, providing the designer with the best
combination of fast switching, ruggedized device design, low on-resistance and cost effectiveness.
The SOP-8 package is universally preferred for all commercial-industrial surface mount applications
and suited for low voltage applications such as DC/DC converters.
Features
• Single Drive Requirement
• Low On-resistance
• Fast Switching Characteristic
• Dynamic dv/dt rating
• Repetitive Avalanche Rated
• UIS, Rg 100% tested
• Pb-free Lead Plating and Halogen-free Package
Symbol
Outline
MTB05N03HQ8
SOP-8
Pin 1
G:Gate
D:Drain
S:Source


Podobny numer części - MTB05N03HQ8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTB050N10KRQ8 CYSTEKEC-MTB050N10KRQ8 Datasheet
430Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB050N10KRQ8-0-T3-G CYSTEKEC-MTB050N10KRQ8-0-T3-G Datasheet
430Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB050N15BRH8 CYSTEKEC-MTB050N15BRH8 Datasheet
839Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTB050N15BRH8-0-T6-G CYSTEKEC-MTB050N15BRH8-0-T6-G Datasheet
839Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTB050N15BRQ8 CYSTEKEC-MTB050N15BRQ8 Datasheet
521Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

Podobny opis - MTB05N03HQ8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTB30N06V8 CYSTEKEC-MTB30N06V8 Datasheet
330Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN4402Q8 CYSTEKEC-MTN4402Q8 Datasheet
315Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN6515F3 CYSTEKEC-MTN6515F3 Datasheet
318Kb / 8P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03H8 CYSTEKEC-MTB02N03H8 Datasheet
345Kb / 11P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03Q8 CYSTEKEC-MTB02N03Q8 Datasheet
318Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTD55N10Q8 CYSTEKEC-MTD55N10Q8 Datasheet
379Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB13N03Q8 CYSTEKEC-MTB13N03Q8 Datasheet
327Kb / 8P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB1D7N03ATH8 CYSTEKEC-MTB1D7N03ATH8 Datasheet
427Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB4D0N03BV8 CYSTEKEC-MTB4D0N03BV8 Datasheet
459Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB11N03BQ8 CYSTEKEC-MTB11N03BQ8 Datasheet
405Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTA3D0N01H8 CYSTEKEC-MTA3D0N01H8 Datasheet
564Kb / 10P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com