Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTB06N03E3 Arkusz danych(PDF) 5 Page - Cystech Electonics Corp.

Numer części MTB06N03E3
Szczegółowy opis  N-Channel Enhancement Mode Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB06N03E3 Arkusz danych(HTML) 5 Page - Cystech Electonics Corp.

  MTB06N03E3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB06N03E3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB06N03E3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB06N03E3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB06N03E3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB06N03E3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB06N03E3 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C441E3
Issued Date : 2010.08.13
Revised Date : 2013.02.26
Page No. : 5/7
MTB06N03E3
CYStek Product Specification
Typical Characteristics(Cont.)
Typical Transfer Characteristics
0
20
40
60
80
100
120
01
23
45
VGS, Gate-Source Voltage(V)
VDS=10V
Single Pulse Maximum Power Dissipation
0
100
200
300
400
500
600
700
800
900
1000
0.0001
0.001
0.01
0.1
1
10
Pulse Width(s)
TJ(MAX)=175°C
TC=25°C
θJA=1.6°C/W
Transient Thermal Response Curves
0.01
0.1
1
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
t1, Square Wave Pulse Duration(s)
Single Pulse
0.01
0.02
0.05
0.1
0.2
D=0.5
1.RθJC(t)=r(t)*RθJC
2.Duty Factor, D=t1/t2
3.TJM-TC=PDM*RθJC(t)
4.RθJC=1.6 °C/W


Podobny numer części - MTB06N03E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTB06N03H8 CYSTEKEC-MTB06N03H8 Datasheet
266Kb / 6P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB06N03I3 CYSTEKEC-MTB06N03I3 Datasheet
271Kb / 7P
   N-Channel Enhancement Mode Power MOSFET
MTB06N03J3 CYSTEKEC-MTB06N03J3 Datasheet
304Kb / 7P
   N-Channel Enhancement Mode Power MOSFET
MTB06N03Q8 CYSTEKEC-MTB06N03Q8 Datasheet
259Kb / 6P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB06N03Q8 CYSTEKEC-MTB06N03Q8 Datasheet
378Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results

Podobny opis - MTB06N03E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com