Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


UN3E5-75LM Datasheet(Arkusz danych) 1 Page - UN Semiconducctor INC

Numer części UN3E5-75LM
Szczegółowy opis  3-Electrode Gas Discharge Tube (GDT)
Pobierz  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  UNSEMI [UN Semiconducctor INC]
Strona internetowa  http://www.unsemi.com.tw
Logo 

   
 1 page
background image
3-Electrode Gas Discharge Tube (GDT)
Revision October 18, 2013
1 / 4
@ UN Semiconductor Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
UN3E5 Series
UN Semiconductor Co., Ltd.
www.unsemi.com.tw
UN3E5-XXXL
UN3E5-XXXLM
UN3E5-XXXLSMD
Gas discharge Tubes (GDT) are classical components for
protecting the installations of the telecommunications. It is
essential that IT and telecommunications systems -with their
high-grade but sensitive electronic circuits - be protected by
arresters. They are thus fitted at the input of the power supply
system together with varistors and at the connection points to
telecommunication lines. They have become equally indispensable
for protecting base stations in mobile telephone systems as well as
extensive cable television (CATV) networks with their repeaters
and distribution systems.
These protective components are also indispensable in other
sectors, In AC power transmission systems, they are often used
with current-limiting varistors, In customer premises equipment
such as DSL modems, WLAN routers, TV sets and cable modems
In air-conditioning equipment, the integral black-box concept offers
graduated protection by combining arresters with varistors, PTC,
diodes and inductor.
AGENCY
AGENCY FILE NUMBER
E341061
u
Non-Radioactive
u
RoHS compliant
u
Low insertion loss
u
Excellent response to fast rising transients
u
Ultra low capacitance
u
5KA surge capability tested with 8/20
μs
pulse as de
fined by IEC 61000-4-5
Materials
Leaded Device: Nickel-plated with Tinplated
wires
Surface Mount: Dull Tin-plated
Product
Marking
UNION
XXXL
XXX
-Nominal voltage
L
-5KA
Glow to Arc
Transition
Current
< 0.5 Amps
Glow Voltage
~60 Volts
Storage and
Operational
Temperature
-40 to +90
°C
UN3E5-XXXLM
~0.78g
UN3E5-XXXLM
~0.66g
Weight
UN2E5-XXXLSMD
~0.68g
u
Communication equipment
u
CATV equipment
u
Test equipment
u
Data lines
u
Power supplies
u
Telecom SLIC protection
u
Broadband equipment
u
ADSL equipment, including ADSL2+
u
XDSL equipment
u
Satellite and CATV equipment
u
Consumer electronics
Features
Schematic Symbol
Agency Approvals
Product Characteristics
Applications
Description
a
e
b
a = Tip
b = Ring
e = Ground
(center electrode)




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl