Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


UN3E5-75LM Datasheet(Arkusz danych) 4 Page - UN Semiconducctor INC

Numer części UN3E5-75LM
Szczegółowy opis  3-Electrode Gas Discharge Tube (GDT)
Pobierz  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  UNSEMI [UN Semiconducctor INC]
Strona internetowa  http://www.unsemi.com.tw
Logo 

   
 4 page
background image
3-Electrode Gas Discharge Tube (GDT)
Revision October 18, 2013
4 / 4
@ UN Semiconductor Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
UN3E5 Series
UN Semiconductor Co., Ltd.
www.unsemi.com.tw
Part Number
Description
Quantity
UN3E5-XXXLM
100PCS per Tray, 10 Trays / Inner Carton
1000
UN3E5-XXXL
100PCS per Tray, 10 Trays / Inner Carton
1000
100PCS per Tray, 10 Trays/ Inner Carton
1000
UN3E5-XXXLSMD
16mmTape & 13
″ Reel
1000
Tape and Reel Dimension
(Unit: mm)
Tray Dimension
(Unit: mm)
u
Gas discharge tubes (GDT) must not be operated directly in power supply networks.
u
Gas discharge tubes (GDT) may become hot in case of longer periods of current stress (danger of burning).
u
Gas discharge tubes (GDT) may be used only within their specified values. In the event of overload, the head contacts may
fail or the component may be destroyed.
u
Damaged Gas discharge tubes (GDT) must not be re-used.
Part Numbering
UN 3E5
– XXX L M
M,
with wire
No,
without wire
SMD, Surface Mount
8/20
μs Level
L, 5KA
Nominal DC Spark-over Voltage
75 = 75V
300=300V
90 =90V
350 =350V
150 = 150V
470 =470V
230 = 230V
600 = 600V
Series
Packaging
Cautions and warnings




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl