Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3-1825139-2 Arkusz danych(PDF) 2 Page - Tyco Electronics

Numer części 3-1825139-2
Szczegółowy opis  GEMINI A SERIES TOGGLE SWITCH, DOUBLE POLE, 3 POSITION FUNCTIONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1825139-2 Arkusz danych(HTML) 2 Page - Tyco Electronics

  3-1825139-2 Datasheet HTML 1Page - Tyco Electronics 3-1825139-2 Datasheet HTML 2Page - Tyco Electronics 3-1825139-2 Datasheet HTML 3Page - Tyco Electronics 3-1825139-2 Datasheet HTML 4Page - Tyco Electronics 3-1825139-2 Datasheet HTML 5Page - Tyco Electronics 3-1825139-2 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Corporate Information
About TE
Investors
News Room
Supplier Portal
Careers
Terms & Conditions
Privacy Policy
Quick Links
Distributor Inventory
Product Cross Reference
Documents & Drawings
Product Compliance Support Center
Site Map
Customer Support
Email or Chat With Us
Find a Phone Number
Knowledge Base
Manage Your Account
Keep Me Informed
RoHS/ELV Compliance History = Always was RoHS
compliant
Other:
Brand = Alcoswitch
© 2013 Tyco Electronics Corporation, a TE Connectivity Ltd. company. All Rights Reserved
Provide Website Feedback


Podobny numer części - 3-1825139-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
3-1825059-0 MACOM-3-1825059-0 Datasheet
2Mb / 30P
   Switches Core Program
3-1825059-0 MACOM-3-1825059-0 Datasheet
2Mb / 30P
   Switches Core Program
3-1825059-0 MACOM-3-1825059-0 Datasheet
2Mb / 30P
   Switches Core Program
3-1825059-0 MACOM-3-1825059-0 Datasheet
2Mb / 30P
   Switches Core Program
3-1825059-0 MACOM-3-1825059-0 Datasheet
2Mb / 30P
   Switches Core Program
More results

Podobny opis - 3-1825139-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
606377 MACOM-606377 Datasheet
582Kb / 5P
   GEMINI A SERIES ROCKER SWITCH SINGLE POLE
logo
Honeywell Solid State E...
64AT34-3D HONEYWELL-64AT34-3D Datasheet
108Kb / 1P
   AT Series Toggle Switch, 4 pole, 2 position, H58 terminal, Locking Lever
logo
ZF Friedrichshafen AG
LRA22H2FBBNN ZFSWITCHES-LRA22H2FBBNN Datasheet
653Kb / 2P
   Double-Pole Rocker Switch
logo
Pasternack Enterprises,...
PE71S6068 PASTERNACK-PE71S6068 Datasheet
402Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6065 PASTERNACK-PE71S6065 Datasheet
389Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6067 PASTERNACK-PE71S6067 Datasheet
399Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6069 PASTERNACK-PE71S6069 Datasheet
399Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6070 PASTERNACK-PE71S6070 Datasheet
422Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6066 PASTERNACK-PE71S6066 Datasheet
388Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6071 PASTERNACK-PE71S6071 Datasheet
399Kb / 4P
   Double Pole Double Throw Relay Switch
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com