Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SC4959-T2 Arkusz danych(PDF) 5 Page - NEC

Numer części 2SC4959-T2
Szczegółowy opis  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

2SC4959-T2 Arkusz danych(HTML) 5 Page - NEC

  2SC4959-T2 Datasheet HTML 1Page - NEC 2SC4959-T2 Datasheet HTML 2Page - NEC 2SC4959-T2 Datasheet HTML 3Page - NEC 2SC4959-T2 Datasheet HTML 4Page - NEC 2SC4959-T2 Datasheet HTML 5Page - NEC 2SC4959-T2 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SC4959
5
S–PARAMETER
(VCE = 3 V, IC = 5 mA, ZO = 50
Ω)
fS11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.200
0.6900
–33.3
12.2960
147.1
0.0320
74.8
0.8850
–19.7
0.400
0.5360
–54.7
9.4300
125.5
0.0610
66.3
0.7210
–30.3
0.600
0.4010
–70.0
7.2390
111.3
0.0700
59.6
0.6030
–34.5
0.800
0.3150
–82.4
5.8220
101.1
0.0950
63.8
0.5230
–36.7
1.000
0.2360
–93.8
4.7830
93.4
0.1090
62.3
0.4870
–38.0
1.200
0.1850
–105.4
4.1700
86.4
0.1260
61.9
0.4600
–38.8
1.400
0.1440
–115.8
3.6410
80.7
0.1350
65.9
0.4360
–40.4
1.600
0.1230
–134.4
3.2380
76.1
0.1560
61.2
0.4170
–42.6
1.800
0.1040
–144.6
2.8910
71.4
0.1770
62.4
0.4020
–43.9
2.000
0.1000
–170.6
2.7040
67.3
0.1930
60.7
0.3940
–45.8
2.200
0.1110
167.4
2.5330
62.6
0.2080
60.6
0.3710
–50.3
2.400
0.1040
158.2
2.3270
58.7
0.2260
61.6
0.3500
–50.2
2.600
0.1180
156.3
2.1850
54.9
0.2560
58.2
0.3560
–51.2
2.800
0.1190
150.0
2.0910
52.6
0.2560
56.8
0.3520
–58.1
3.000
0.1490
142.4
1.9760
49.0
0.2860
56.6
0.3410
–56.9
(VCE = 3 V, IC = 10 mA, ZO = 50
Ω)
fS11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.200
0.5080
–43.6
17.0900
135.9
0.0330
63.8
0.7930
–26.2
0.400
0.3410
–65.3
11.3980
114.2
0.0520
68.5
0.5910
–32.9
0.600
0.2320
–80.7
8.2250
102.0
0.0690
69.0
0.5130
–32.9
0.800
0.1770
–90.8
6.3950
93.8
0.0880
71.6
0.4480
–32.8
1.000
0.1220
–108.2
5.1870
87.2
0.1060
69.3
0.4180
–35.9
1.200
0.1010
–121.8
4.4390
81.6
0.1260
70.1
0.4030
–33.3
1.400
0.0670
–138.2
3.8770
76.9
0.1450
70.5
0.3930
–36.5
1.600
0.0620
–167.6
3.4350
72.4
0.1590
65.5
0.3680
–36.2
1.800
0.0660
–171.3
3.0650
68.8
0.1790
65.0
0.3610
–39.5
2.000
0.0770
146.7
2.8540
65.0
0.2060
63.9
0.3480
–42.3
2.200
0.0990
146.5
2.6590
60.5
0.2220
62.8
0.3360
–46.6
2.400
0.1140
128.1
2.4400
57.0
0.2420
60.9
0.3370
–48.8
2.600
0.1260
136.8
2.2790
53.5
0.2660
59.9
0.3170
–47.2
2.800
0.1020
129.6
2.1950
50.9
0.2770
59.6
0.3280
–55.1
3.000
0.1370
123.5
2.0800
47.9
0.2860
58.3
0.3100
–51.2


Podobny numer części - 2SC4959-T2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
2SC4959 RENESAS-2SC4959 Datasheet
208Kb / 14P
   Silicon Transistor
1997
More results

Podobny opis - 2SC4959-T2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
2SC4958 NEC-2SC4958 Datasheet
46Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4226 NEC-2SC4226 Datasheet
56Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4227 NEC-2SC4227 Datasheet
50Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4228 NEC-2SC4228 Datasheet
49Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4955 NEC-2SC4955 Datasheet
44Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC2351 NEC-2SC2351 Datasheet
30Kb / 4P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC4954 NEC-2SC4954 Datasheet
48Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC5013 NEC-2SC5013 Datasheet
52Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5015 NEC-2SC5015 Datasheet
51Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5011 NEC-2SC5011 Datasheet
52Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com