Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM15 Arkusz danych(PDF) 2 Page - Union Semiconductor, Inc.

Numer części SM15
Szczegółowy opis  Low Capacitance Dual Line ESD Protection Diode Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UNIONSEMI [Union Semiconductor, Inc.]
Strona internetowa  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

SM15 Arkusz danych(HTML) 2 Page - Union Semiconductor, Inc.

  SM15 Datasheet HTML 1Page - Union Semiconductor, Inc. SM15 Datasheet HTML 2Page - Union Semiconductor, Inc. SM15 Datasheet HTML 3Page - Union Semiconductor, Inc. SM15 Datasheet HTML 4Page - Union Semiconductor, Inc. SM15 Datasheet HTML 5Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.01 Jul.2012
2/5
SM12/SM15
Ordering Information
Part
Number
Working
Voltage
Packaging Type
Channel
Marking
Code
Shipping Qty
SM12
12.0V
S12
SM15
15.0V
SOT23-3
2
S15
3000pcs/7Inch
Tape & Reel
Absolute Maximum Ratings
RATING
SYMBOL
VALUE
UNITS
Peak Pulse Power (tp = 8/20μs)
PPK
140
Watts
Thermal Resistance, Junction to Ambient
θJA
325
°C/W
Lead Soldering Temperature
TL
260(10 sec.)
°C
Operating Temperature
TJ
-55 to +125
°C
Storage Temperature
TSTG
-55 to +125
°C
Electrical Characteristics (SM12)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Reverse Stand-Off
Voltage
VRWM
12
V
Reverse Breakdown
Voltage
VBR
It = 1mA
16
18
V
Reverse Leakage
Current
IR
VRWM = 12V, T=25°C
1
μA
Clamping Voltage
VC
IPP = 5.9A, tp = 8/20μS
23
V
Peak Pulse Current
IPP
tp = 8/20μs
5.9
A
Junction Capacitance
CJ
Pin 1 to 3 and Pin 2 to 3,
VR = 0V, f = 1MHz
20
30
pF
Reverse dynamic
resistance
Rdyn,rev
1.12
Forward dynamic
resistance
Rdyn,fwd
IPP<2A
0.81
Reverse dynamic
resistance
Rdyn,rev
0.92
Forward dynamic
resistance
Rdyn,fwd
IPP >2A
0.42


Podobny numer części - SM15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
SM15 SEMTECH-SM15 Datasheet
171Kb / 7P
   TVS Diode Array
logo
Guangdong Youtai Semico...
SM15 UMW-SM15 Datasheet
425Kb / 3P
   TVS Diode Array
logo
Micro Commercial Compon...
SM15 MCC-SM15 Datasheet
416Kb / 2P
   Transient Voltage Suppressor 500 Watt
logo
Guangdong Youtai Semico...
SM15 UMW-SM15 Datasheet
425Kb / 3P
   TVS Diode Array
logo
Microsemi Corporation
SM15 MICROSEMI-SM15 Datasheet
138Kb / 2P
   TVSarray Series
More results

Podobny opis - SM15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Union Semiconductor, In...
SM12 UNIONSEMI-SM12_16 Datasheet
154Kb / 5P
   Low Capacitance Dual Line ESD Protection Diode Array
SM05 UNIONSEMI-SM05_16 Datasheet
292Kb / 6P
   Low Capacitance Quad Line ESD Protection Diode Array
UESD6V8L1F UNIONSEMI-UESD6V8L1F Datasheet
217Kb / 7P
   Low Capacitance Single Line ESD Protection Diode Array
logo
Diodes Incorporated
DESD1P0RFW DIODES-DESD1P0RFW Datasheet
90Kb / 4P
   LOW CAPACITANCE, ESD PROTECTION DIODE ARRAY
logo
Vishay Siliconix
GMF05MC VISHAY-GMF05MC Datasheet
147Kb / 4P
   Low Capacitance ESD Protection Diode Array
Rev. 1.1, 02-Mar-05
logo
Diodes Incorporated
DESD1P0RFWA DIODES-DESD1P0RFWA Datasheet
459Kb / 5P
   LOW CAPACITANCE ESD PROTECTION DIODE ARRAY
Rev. 1 - 2 September 2022
logo
Union Semiconductor, In...
UESD6V8S2B UNIONSEMI-UESD6V8S2B_15 Datasheet
175Kb / 6P
   Dual Line ESD Protection Diode Array
UM5062 UNIONSEMI-UM5062 Datasheet
194Kb / 6P
   Dual Line ESD Protection Diode Array
UM5062 UNIONSEMI-UM5062_16 Datasheet
202Kb / 6P
   Dual Line ESD Protection Diode Array
UM5082 UNIONSEMI-UM5082 Datasheet
165Kb / 5P
   Dual Line ESD Protection Diode Array
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com