Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI1003 Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części SI1003
Szczegółowy opis  WIRELESS PRODUCT SELECTOR GUIDE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SI1003 Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  SI1003 Datasheet HTML 1Page - List of Unclassifed Manufacturers SI1003 Datasheet HTML 2Page - List of Unclassifed Manufacturers SI1003 Datasheet HTML 3Page - List of Unclassifed Manufacturers SI1003 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI1003 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI1003 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI1003 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI1003 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI1003 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
W IR E L E S S P R O D U C T S E L EC T O R G U ID E / 2
Wireless MCUs: www.silabs.com/wirelessmcu
Industry’s lowest power single-chip MCU with an integrated sub-GHz RF transceiver
PART
NUMBER
FLASH
MEM-
ORY
MIPS
(PEAK)
RAM
(BYTES)
DIG.
I/O
COMM.
FSK/
GFSK
(KBPS)
OOK
(KBPS)
OUTPUT
POWER
(DBM)
2/4.8 KBPS
SENSITIV-
ITY
TX CURRENT (mA)
TIMERS
(16-BIT)
PWM/
PCA
INT
OSC
ADC
COMP.
OTHER
PACKAGE DEV KIT
Si1000
64 kB
25
4352
22
I2C, SPI,
UART
256
40 +1 to +20 -121/-110
85
4
6
±2% 10-bit, 18-ch.,
300 ksps
2
Temp Sensor,
RTC, CRC, VREF
QFN42 Si1000DK
Si1002
64 kB
25
4352
22
I2C, SPI,
UART
256
40 -8 to +13 -121/-110
17
30
4
6
±2% 10-bit, 18-ch.,
300 ksps
2
Temp Sensor,
RTC, CRC, VREF
QFN42 Si1000DK
Si1004
64 kB
25
4352
19
I2C, SPI,
UART
256
40 -8 to +13 -121/-110 17
30
4
6
±2% 10-bit, 15-ch.,
300 ksps
2
VREF, Temp Sensor,
RTC, CRC, DC-DC QFN42 Si1000DK
Si1001
32 kB
25
4352
22
I2C, SPI,
UART
256
40 +1 to +20 -121/-110
85
4
6
±2% 10-bit, 18-ch.,
300 ksps
2
Temp Sensor,
RTC, CRC, VREF
QFN42 Si1000DK
Si1003
32 kB
25
4352
22
I2C, SPI,
UART
256
40 -8 to +13 -121/-110
17
30
4
6
±2% 10-bit, 18-ch.,
300 ksps
2
Temp Sensor,
RTC, CRC, VREF
QFN42 Si1000DK
Si1005
32 kB
25
4352
19
I2C, SPI,
UART
256
40 -8 to +13 -121/-110
17
30
4
6
±2% 10-bit, 15-ch.,
300 ksps
2
VREF, Temp Sensor,
RTC, CRC, DC-DC QFN42 Si1000DK
Si1010
16 kB
25
768
15
I2C, SPI,
UART
256
40 +1 to +20 -121/-110
85
4
6
±2% 12-bit, 11-ch.,
75 ksps
2
Temp Sensor,
RTC, CRC, VREF
QFN42 Si1010DK
Si1012
16 kB
25
768
15
I2C, SPI,
UART
256
40 -8 to +13 -121/-110
17
30
4
6
±2% 12-bit, 11-ch.,
75 ksps
2
Temp Sensor,
RTC, CRC, VREF
QFN42 Si1010DK
Si1014
16 kB
25
768
15
I2C, SPI,
UART
256
40 -8 to +13 -121/-110
17
30
4
6
±2% 12-bit, 11-ch.,
75 ksps
2
VREF, Temp Sensor,
RTC, CRC, DC-DC QFN42 Si1010DK
Si1011
8 kB
25
768
15
I2C, SPI,
UART
256
40 +1 to +20 -121/-110
85
4
6
±2% 12-bit, 11-ch.,
75 ksps
2
Temp Sensor,
RTC, CRC, VREF
QFN42 Si1010DK
Si1013
8 kB
25
768
15
I2C, SPI,
UART
256
40 -8 to +13 -121/-110
17
30
4
6
±2% 12-bit, 11-ch.,
75 ksps
2
Temp Sensor,
RTC, CRC, VREF
QFN42 Si1010DK
Si1015
8 kB
25
768
15
I2C, SPI,
UART
256
40 -8 to +13 -121/-110
17
30
4
6
±2% 12-bit, 11-ch.,
75 ksps
2
VREF, Temp Sensor,
RTC, CRC, DC-DC QFN42 Si1010DK
Si1020
128 kB
25
8448
53 I
2
C, 2 x SPI,
UART
256
40 +1 to +20 -121/-110
85
4
6
±2% 12-bit, 16-ch.,
75 ksps
2
VREF, Temp Sensor,
128 LCD Segments LGA85 Si1020DK*
Si1021
64 kB
25
8448
53 I
2
C, 2 x SPI,
UART
256
40 +1 to +20 -121/-110
85
4
6
±2% 12-bit, 16-ch.,
75 ksps
2
VREF, Temp Sensor,
128 LCD Segments LGA85 Si1020DK*
Si1022
32 kB
25
8448
53 I
2
C, 2 x SPI,
UART
256
40 +1 to +20 -121/-110
85
4
6
±2% 12-bit, 16-ch.,
75 ksps
2
VREF, Temp Sensor,
128 LCD Segments LGA85 Si1020DK*
Si1023
16 kB
25
4352
53 I
2
C, 2 x SPI,
UART
256
40 +1 to +20 -121/-110
85
4
6
±2% 12-bit, 16-ch.,
75 ksps
2
VREF, Temp Sensor,
128 LCD Segments LGA85 Si1020DK*
Si1024
128 kB
25
8448
53 I
2
C, 2 x SPI,
UART
256
40 -8 to +13 -121/-110
17
30
4
6
±2% 12-bit, 16-ch.,
75 ksps
2
VREF, Temp Sensor,
128 LCD Segments LGA85 Si1024DK*
Si1025
64 kB
25
8448
53 I
2
C, 2 x SPI,
UART
256
40 -8 to +13 -121/-110
17
30
4
6
±2% 12-bit, 16-ch.,
75 ksps
2
VREF, Temp Sensor,
128 LCD Segments LGA85 Si1024DK*
Si1026
32 kB
25
8448
53 I
2
C, 2 x SPI,
UART
256
40 -8 to +13 -121/-110
17
30
4
6
±2% 12-bit, 16-ch.,
75 ksps
2
VREF, Temp Sensor,
128 LCD Segments LGA85 Si1024DK*
Si1027
16 kB
25
4352
53 I
2
C, 2 x SPI,
UART
256
40 -8 to +13 -121/-110
17
30
4
6
±2% 12-bit, 16-ch.,
75 ksps
2
VREF, Temp Sensor,
128 LCD Segments LGA85 Si1024DK*
Si1030
128 kB
25
8448
53 I
2
C, 2 x SPI,
UART
256
40 +1 to +20 -121/-110
85
4
6
±2% 12-bit, 16-ch.,
75 ksps
2
VREF, Temp Sensor LGA85 Si1020DK*
Si1031
64 kB
25
8448
53 I
2
C, 2 x SPI,
UART
256
40 +1 to +20 -121/-110
85
4
6
±2% 12-bit, 16-ch.,
75 ksps
2
VREF, Temp Sensor LGA85 Si1020DK*
Si1032
32 kB
25
8448
53 I
2
C, 2 x SPI,
UART
256
40 +1 to +20 -121/-110
85
4
6
±2% 12-bit, 16-ch.,
75 ksps
2
VREF, Temp Sensor LGA85 Si1020DK*
Si1033
16 kB
25
4352
53 I
2
C, 2 x SPI,
UART
256
40 +1 to +20 -121/-110
85
4
6
±2% 12-bit, 16-ch.,
75 ksps
2
VREF, Temp Sensor LGA85 Si1020DK*
Si1034
128 kB
25
8448
53 I
2
C, 2 x SPI,
UART
256
40 -8 to +13 -121/-110
17
30
4
6
±2% 12-bit, 16-ch.,
75 ksps
2
VREF, Temp Sensor LGA85 Si1024DK*
Si1035
64 kB
25
8448
53 I
2
C, 2 x SPI,
UART
256
40 -8 to +13 -121/-110
17
30
4
6
±2% 12-bit, 16-ch.,
75 ksps
2
VREF, Temp Sensor LGA85 Si1024DK*
Si1036
32 kB
25
8448
53 I
2
C, 2 x SPI,
UART
256
40 -8 to +13 -121/-110
17
30
4
6
±2% 12-bit, 16-ch.,
75 ksps
2
VREF, Temp Sensor LGA85 Si1024DK*
Si1037
16 kB
25
4352
53 I
2
C, 2 x SPI,
UART
256
40 -8 to +13 -121/-110
17
30
4
6
±2% 12-bit, 16-ch.,
75 ksps
2
VREF, Temp Sensor LGA85 Si1024DK*
+11
+13
+20
(dBm)
*See Wireless MCU KIt Table for full part number and frequency options


Podobny numer części - SI1003

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI1003 SILABS-SI1003 Datasheet
2Mb / 376P
   Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
SI1003-C-GM SILABS-SI1003-C-GM Datasheet
2Mb / 376P
   Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
Si1003-E-GM SILABS-Si1003-E-GM Datasheet
99Kb / 2P
   Silicon Labs is pleased to announce Revision 1.2 of the Si100x datasheet
Si1003-E-GM2 SILABS-Si1003-E-GM2 Datasheet
2Mb / 382P
   MCU with Integrated 240??60 MHz EZRadioPRO짰 Transceiver
More results

Podobny opis - SI1003

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Microchip Technology
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
MCP73844840IMS MICROCHIP-MCP73844840IMS Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
MCP6041-I-SN MICROCHIP-MCP6041-I-SN Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC1017-3.3VCTTR MICROCHIP-TC1017-3.3VCTTR Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC620 MICROCHIP-TC620 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
List of Unclassifed Man...
PPC405EX-NSD400T ETC-PPC405EX-NSD400T Datasheet
2Mb / 29P
   Power??Architecture Products Product Selector Guide
logo
Microchip Technology
MCP9700A-E MICROCHIP-MCP9700A-E Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
   Selector Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com