Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST32ETA103 Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers

Numer części ST32ETA103
Szczegółowy opis  SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

ST32ETA103 Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers

  ST32ETA103 Datasheet HTML 1Page - List of Unclassifed Manufacturers ST32ETA103 Datasheet HTML 2Page - List of Unclassifed Manufacturers ST32ETA103 Datasheet HTML 3Page - List of Unclassifed Manufacturers ST32ETA103 Datasheet HTML 4Page - List of Unclassifed Manufacturers ST32ETA103 Datasheet HTML 5Page - List of Unclassifed Manufacturers ST32ETA103 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
<Bulk pack specifications>
● Unit of bulk in a plastic bag is 100 pcs. per pack.
● Boxing of bulk in a plastic bag is performed with 500
pcs. per box.
PACKAGING SPECIFICATIONS
<Taping packaging specifications>
● Taping version is packaged in 500 pcs. per reel.
Orders will be accepted for units of 500 pcs., i.e., 500,
1000, 1500 pcs., etc.
● ST-32ETA, ETB versions are boxed with 4 reels (2000
pcs.). ST-32ETG, ETH versions are boxed with one reel
(500 pcs.).
Maximum number of consecutive missing pieces = 2
Leader length and reel dimension are shown in the
diagrams below.
● EMBOSSED TAPE DIMENSIONS
● REEL DIMENSIONS
(Conforms to JIS C 0806-3)
(In accordance with EIAJ ET-7200A)
(Unit: mm)
● ST-32ETA, ETB
13.4
±1(ETG/ETH)
17.4
±1(ETG/ETH)
15.4
±1(ETA/ETB)
13
(ETA/ETB)
+1
0
180
0
–1.5 (ST-32ETA/ETB)
21
±0.8
13
±0.2
2
±0.5
φ
φ
φ
254
±2 (ST-32ETG/ETH)
φ
2
4
±0.1
2
±0.05
8
±0.1
1
3
0.3
±0.1
2.5
Installation example
(ST-32EA)
Direction of feed
● ST-32ETG, ETH
2
4
±0.1
2
±0.1
8
±0.1
1
3
0.4
±0.1
5.5 max.
Installation example
(ST-32EH)
Direction of feed
ST-32
SURFACE MOUNT TRIMMERS
Empty
Filled
Empty
40 mm min.
20 pitches min.
400 mm min.
Direction of feed
Head
End
Leader


Podobny numer części - ST32ETA103

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
ST32ETA502 VISHAY-ST32ETA502 Datasheet
375Kb / 7P
   Surface Mount Cermet Trimmers (single turn)
Revision: 06-Mar-06
More results

Podobny opis - ST32ETA103

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Copal Electronics
ST-4 COPAL-ST-4 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
List of Unclassifed Man...
ST32ETG200 ETC2-ST32ETG200 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Vishay Siliconix
ST-4 VISHAY-ST-4 Datasheet
181Kb / 8P
    Surface Mount Cermet Trimmers (single turn)
Revision: 06-Mar-06
logo
List of Unclassifed Man...
ST-4EB503 ETC2-ST-4EB503 Datasheet
173Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Copal Electronics
ST4ETA103 COPAL-ST4ETA103 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
List of Unclassifed Man...
ST-4ETD102 ETC2-ST-4ETD102 Datasheet
173Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-4ETA102 ETC1-ST-4ETA102 Datasheet
173Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Copal Electronics
ST32EA100 COPAL-ST32EA100 Datasheet
121Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-2 COPAL-ST-2 Datasheet
86Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Vishay Siliconix
ST-32 VISHAY-ST-32 Datasheet
383Kb / 7P
   Surface Mount Cermet Trimmers (single turn)
Revision: 06-Mar-06
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com