Zakładka z wyszukiwarką danych komponentów |
|
KA-015 Arkusz danych(PDF) 3 Page - Socay Electornics Co., Ltd. |
|
KA-015 Arkusz danych(HTML) 3 Page - Socay Electornics Co., Ltd. |
3 / 56 page www.socay.com 3 Surface Mount Transient Voltage Suppressors (TVS) SMAJ Series 5.0 To 440 V 400W Uni-directional Bi-directional u For surface mounted applications in order to optimize board space u Low leakage u Uni and Bidirectional unit u Glass passivated junction u Low inductance u Excellent clamping capability u 400W Peak power capability at 10 × 1000µs waveform Repetition rate (duty cycle):0.01% u Fast response time: typically less than 1.0ps from 0 Volts to VBR min u Typical IR less than 5μA above 12V u High Temperature soldering: 260 °C/40 seconds at terminals u Typical maximum temperature coefficient ΔVBR = 0.1% × VBR@25°C× ΔT u Plastic package has Underwriters Laboratory Flammability 94V-0 u Matte tin lead –free Plated u Halogen free and RoHS compliant u Typical failure mode is short from over-specified voltage or current u Whisker test is conducted based on JEDEC JESD201A per its table 4a and 4c u IEC-61000-4-2 ESD 15kV(Air), 8kV (Contact) u ESD protection of data lines in accordance with IEC 61000-4-2 (IEC801-2) u EFT protection of data lines in accordance with IEC 61000-4-4 (IEC801-4) DO-214AC (SMA) Inches Millimeters Dimensions Min Max Min Max A 0.049 0.064 1.230 1.630 B 0.162 0.179 4.10 4.550 C 0.099 0.109 2.510 2.760 D 0.077 0.089 1.960 2.260 E 0.030 0.060 0.750 1.510 F - 0.008 - 0.203 G 0.192 0.206 4.87 5.220 H 0.006 0.012 0.152 0.305 I 0.070 - 1.800 - J 0.082 - 2.100 - K - 0.090 - 2.300 L 0.082 - 2.100 - Features Dimensions DO-214AC (SMA) Cathode Band |
Podobny numer części - KA-015 |
|
Podobny opis - KA-015 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |