Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF2805A Arkusz danych(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Numer części LF2805A
Szczegółowy opis  RF Power MOSFET Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

LF2805A Arkusz danych(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  LF2805A Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. LF2805A Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. LF2805A Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
RF Power MOSFET Transistor
5W, 500-1000MHz, 28V
M/A-COM Products
Released; RoHS Compliant
LF2805A
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Package Outline
Features
N-Channel enhancement mode device
DMOS structure
Lower capacitances for broadband operation
Common source configuration
Lower noise floor
Applications
Broadband linear operation
500 MHz to 1400 MHz
ABSOLUTE MAXIMUM RATINGS AT 25° C
Parameter
Rating
Drain-Source Voltage
65
Gate-Source Voltage
20
Drain-Source Current
1.4
Power Dissipation
14.4
Junction Temperature
200
Storage Temperature
-65 to +150
Thermal Resistance
12.1
Symbol
VDS
VGS
IDS
PD
TJ
TSTG
θJC
Units
V
V
A
W
°C
°C
°C/W
ELECTRICAL CHARACTERISTICS AT 25°C
Parameter
Symbol
Min
Max
Units
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
65
-
V
VGS = 0.0 V , IDS = 2.0 mA
Drain-Source Leakage Current
IDSS
-
1.0
mA
VGS = 28.0 V , VGS = 0.0 V
Gate-Source Leakage Current
IGSS
-
1.0
µA
VGS = 20.0 V , VDS = 0.0 V
Gate Threshold Voltage
VGS(TH)
2.0
6.0
V
VDS = 10.0 V , IDS = 10.0 mA
Forward Transconductance
GM
80
-
mS
VDS = 10.0 V , IDS 100.0 mA , Δ VGS = 1.0V, 80 μs Pulse
Input Capacitance
CISS
-
7
pF
VDS = 28.0 V , F = 1.0 MHz
Output Capacitance
COSS
-
5
pF
VDS = 28.0 V , F = 1.0 MHz
Reverse Capacitance
CRSS
-
2.4
pF
VDS = 28.0 V , F = 1.0 MHz
Power Gain
GP
10
-
dB
VDD = 28.0 V, IDQ = 50 mA, POUT = 5.0 W, F =1.0 GHz
Drain Efficiency
ŋD
50
-
%
VDD = 28.0 V, IDQ = 50 mA, POUT = 5.0 W, F =1.0 GHz
Load Mismatch Tolerance
VSWR-T
-
20:1
-
VDD = 28.0 V, IDQ = 50 mA, POUT = 5.0 W, F =1.0 GHz
LETTER
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
20.70
20.96
.815
.825
B
14.35
14.61
.565
.575
C
13.72
14.22
.540
.560
D
6.27
6.53
.247
.257
E
6.22
6.48
.245
.255
F
6.22
6.48
.245
.255
G
1.14
1.40
.045
.055
H
2.92
3.18
.115
.125
J
1.40
1.65
.055
.065
K
1.96
2.46
.077
.097
L
3.61
4.37
.142
.172
M
.08
.15
.003
.006
F (MHz)
ZIN (Ω)
ZLOAD (Ω)
500
4.3 - j29.0
27.3 +j28.6
1000
2.2 - j2.75
8.0 + j16.0
1400
2.8 - j3.0
9.4 + j10.6
VDD = 28V, IDQ = 50 mA, POUT = 5.0 W
TYPICAL DEVICE IMPEDANCE
ZIN is the series equivalent input impedance of the device
from gate to source.
ZLOAD is the optimum series equivalent load impedance as
measured from drain to ground.


Podobny numer części - LF2805A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
LF2805A MACOM-LF2805A Datasheet
199Kb / 3P
   RF MOSFET Power Transistor, 5W, 28V 500 - 1000 MHz
logo
M/A-COM Technology Solu...
LF2805A MA-COM-LF2805A Datasheet
143Kb / 3P
   RF Power MOSFET Transistor 5W, 500-1000MHz, 28V
LF2805A MA-COM-LF2805A_17 Datasheet
613Kb / 4P
   RF Power MOSFET Transistor
More results

Podobny opis - LF2805A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
DU28200M MA-COM-DU28200M Datasheet
156Kb / 3P
   RF Power MOSFET Transistor
DU2840S MA-COM-DU2840S Datasheet
164Kb / 3P
   RF Power MOSFET Transistor
DU2860U MA-COM-DU2860U Datasheet
149Kb / 3P
   RF Power MOSFET Transistor
UF28100H MA-COM-UF28100H Datasheet
235Kb / 3P
   RF Power MOSFET Transistor
UF2805B-20 MA-COM-UF2805B-20 Datasheet
213Kb / 3P
   RF Power MOSFET Transistor
UF2840G MA-COM-UF2840G_17 Datasheet
663Kb / 4P
   RF Power MOSFET Transistor
UF28150J MA-COM-UF28150J_17 Datasheet
731Kb / 4P
   RF Power MOSFET Transistor
UF2820P MA-COM-UF2820P_17 Datasheet
620Kb / 4P
   RF Power MOSFET Transistor
UF2820R MA-COM-UF2820R_17 Datasheet
643Kb / 4P
   RF Power MOSFET Transistor
DU2860T MA-COM-DU2860T Datasheet
161Kb / 3P
   RF Power MOSFET Transistor
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com