Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF13WBP-20P Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części LF13WBP-20P
Szczegółowy opis  Miniature Waterproof Shielded Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

LF13WBP-20P Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  LF13WBP-20P Datasheet HTML 1Page - List of Unclassifed Manufacturers LF13WBP-20P Datasheet HTML 2Page - List of Unclassifed Manufacturers LF13WBP-20P Datasheet HTML 3Page - List of Unclassifed Manufacturers LF13WBP-20P Datasheet HTML 4Page - List of Unclassifed Manufacturers LF13WBP-20P Datasheet HTML 5Page - List of Unclassifed Manufacturers LF13WBP-20P Datasheet HTML 6Page - List of Unclassifed Manufacturers LF13WBP-20P Datasheet HTML 7Page - List of Unclassifed Manufacturers LF13WBP-20P Datasheet HTML 8Page - List of Unclassifed Manufacturers LF13WBP-20P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LF SeriesqMiniature Waterproof Shielded Connectors
1A DC
Frequency: 10 to 55Hz, single amplitude of 0.75mm,
acceleration of 98 m/s2 for 3 hours in 3 axis.
Acceleration of 490m/s2, 11ms duration,
sine half-wave waveform, 3 cycles in each of the 3 axis.
1000 cycles
Temperature: -55ç ➝ Room temperature ➝ +125ç ➝ Room temperature
Time: 30 ➝ 2 to 3 ➝ 30 ➝ 2 to 3 (minutes) 5 cycles
96 hours at temperature of 40ç and humidity of 90% to 95%.
Complete dust protection. No water penetration
when submerged for 48 hours at the depth of 1.8 meter.
No electrical discontinuity for 10µs max.
No electrical discontinuity for 10µs max.
Insulation resistance: 100 Mø min.
Insulation resistance: 110 Mø min. (When temperature high)
Insulation resistance: 100 Mø min. (Dray state)
When mated with corresponding connector.
1000 Mø min.
30 mø max. (3, 6, 12, 20 pos.)
10 mø max. (4 pos.)
10 mø max.(A to D), 30 mø max.(1 to 7)(11pos.)
500V DC (3, 4 pos.)
100V DC (6, 12, 20 pos.)
500V DC (A to D), 100V DC (1 to 7)(11pos.)
No flashover or insulation breakdown.
1250V AC/one minute (3, 4 pos.)
300V AC/one minute (6, 12, 20 pos.)
1250V AC(A to D),300V AC(1 to 7) / one minute(11pos.)
11.Contact resistance
12.Insulation resistance
13.Withstanding voltage
14.Vibration
15.Shock
16.Durability
16.(Mating/un-mating)
17.Temperature cycle
18.Humidity
19.Water / dust protection
15 mø max. (3, 6, 12, 20 pos.)
15 mø max. (4 pos.)
15 mø max. (A to D), 15mø max. (1 to 7)(11 pos.)
Rating
Voltage rating
Current rating
Operating temperature range
Storage temperature range
–25ç to +85ç (Note 1)
–10ç to +60ç (Note 2)
125V AC, 175V DC (3 pos.)
125V AC, 125V DC (4 pos.)
30V AC, 42V DC (6 pos. , 12pos. , 20pos.)
125V AC,
DC (11 pos. A to D)
30V AC, 42V DC (11 pos. 1 to 7)
5A max. (3 pos.)
10A max. (4 pos.)
2A max. (6 pos. , 12pos. , 20pos.)
10A(11 pos. A to D), 2A(11 pos. 1 to 7)
sProduct Specifications
Item
Specification
Conditions
Material
Finish / Color
Remarks
––––––––––
UL94V-0
––––––––––
––––––––––
Body / back shell
Insulator
Contacts
Gasket
Zinc alloy
PPS
Copper alloy
Chloroprene rubber
Nickel plated
Black
Gold plated
Black
sMaterials / Finish
Note 1: Includes temperature rise caused by the current flow.
Note 2: The term “storage” refers to products stored for long period of time prior to mounting and use. Operating temperature range
and humidity range covers non-conducting condition of installed connectors in storage, shipment or during transportation.
Please determine the specific product. If listed needed,
please select and order the product No.
sOrdering Information
Series name
: LF
Shell size
07
10
13
Waterproof
W : Waterproof type
Lock Mechanism
B : Bayonet lock
Connector type
P : Plug
R : Receptacle
J : Jack
(*:Form change zoning symbols in an identical class)
Number of contacts
: 3, 4, 6, 11, 12, 20
Contact type
P : Male contact
S : Female contact
--
S
6
P
B
W
07
LF
*
*
1
2
3
4
5
6
7
1
2
3
4
5
6
7
Components
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Podobny numer części - LF13WBP-20P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hirose Electric
LF13WBP-20P HIROSE-LF13WBP-20P Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
More results

Podobny opis - LF13WBP-20P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hirose Electric
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07-WBP-6S HIROSE-LF07-WBP-6S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC_1 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com