Zakładka z wyszukiwarką danych komponentów |
|
LF13WBP-11P Arkusz danych(PDF) 7 Page - List of Unclassifed Manufacturers |
|
LF13WBP-11P Arkusz danych(HTML) 7 Page - List of Unclassifed Manufacturers |
7 / 16 page 7 LF SeriesqMiniature Waterproof Shielded Connectors sApplicable tools sSolder termination fixture Contact configuration Shell size LF07 LF10 LF13 Number of contacts Withstanding voltage Current rating Insulation resistance Contact resistance Solder pot inner diameter 3 1250V AC 5A 1000Mø 15mø 1.15mm 6 300V AC 2A 0.8mm Alignment guide B +0.05 0 sPanel Cutout sContact position arrangement and specifications 1 3 2 1 2 3 4 5 6 Note 1: The contact configuration as viewed from the female contact connector mating side. Note 2: The w symbol indicates polarizing key position. Note 3: Withstanding voltages are test voltage values. Part number Description CL No. LF series Applicable cable dia. HR10A-TC-02 LF-TC-01 Manual cable clamp crimp Note: Applicable cable dia. is only 5mm for LF series. 150-0041-2 150-0234-6 5 (Note) 7.3 · 8.7 CL No. Part number Applicable connectors 150-0232-0 150-0233-3 150-0235-9 150-0236-1 150-0237-4 150-0238-7 LF07BP-T01 LF07BJ-T01 LF10BP-T01 LF10BJ-T01 LF13BP-T01 LF13BJ-T01 LF07WBP-6S,6P,3S,3P LF07WBJ-6S,6P,3S,3P LF10WBP-4S,4P,12S,12P LF10WBJ-4S,4P,12S,12P LF13WBP-20S,20P,11S,11P LF13WBJ-20S,20P,11S,11P Shell size A B Panel thickness unit (mm) LF07WBR-ππ LF10WBR-ππ LF13WBR-ππ LF10WBRB-ππ Ø9.05 Ø11.05 Ø14.05 Ø14.05 8.1 10.2 13.1 13.1 0.7 to 2 0.7 to 2 0.7 to 2 0.7 to 2 4 1250V AC 10A 1000Mø 5mø 1.7mm 1 2 3 4 1 2 3 4 5 6 7 8 9 10 11 12 A B 2 5 6 1 3 7 4 D C 3 2 1 8 7 6 9 10 4 5 17 16 20 13 12 11 14 15 18 19 12 300V AC 2A 1000Mø 15mø 0.8mm 11 20 AC300V 2A 1000Mø 4mø 0.8mm Unit:mm 4 Ø1.7 4 5mø 7 Ø0.8 7 15mø 1000Mø 7 2A 7 AC300V 4 AC1250V 4 10A (Shown one example) (Shown one example) The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. |
Podobny numer części - LF13WBP-11P |
|
Podobny opis - LF13WBP-11P |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |