Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NE23300 Arkusz danych(PDF) 4 Page - California Eastern Labs

Numer części NE23300
Szczegółowy opis  SUPER LOW NOISE HJ FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CEL [California Eastern Labs]
Strona internetowa  http://www.cel.com
Logo CEL - California Eastern Labs

NE23300 Arkusz danych(HTML) 4 Page - California Eastern Labs

  NE23300 Datasheet HTML 1Page - California Eastern Labs NE23300 Datasheet HTML 2Page - California Eastern Labs NE23300 Datasheet HTML 3Page - California Eastern Labs NE23300 Datasheet HTML 4Page - California Eastern Labs NE23300 Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TYPICAL COMMON SOURCE, REVERSE CHANNEL SCATTERING PARAMETERS1 (TA = 25°C)
0.1
0.998
-0.8
1.492
-0.5
.003
93.9
.586
179.5
0.2
0.999
-1.6
1.490
-1.3
.005
86.2
.587
179.3
0.5
0.998
-3.8
1.489
-3.1
.013
89.7
.585
177.7
1.0
1.000
-7.7
1.480
-5.9
.024
88.7
.588
175.6
2.0
0.998
-15.3
1.480
-11.9
.051
80.6
.585
171.0
3.0
0.997
-22.
1.474
-17.9
.075
78.3
.582
167.0
4.0
0.992
-29.5
1.464
-23.8
.101
73.5
.577
162.7
5.0
0.987
-36.3
1.439
-29.2
.127
69.2
.573
158.5
6.0
0.979
-42.9
1.428
-34.7
.151
64.8
.575
154.5
7.0
0.965
-48.9
1.390
-40.2
.172
59.2
.573
151.1
8.0
0.960
-55.1
1.379
-46.4
.191
55.5
.573
147.3
9.0
0.955
-60.7
1.320
-52.2
.212
51.8
.574
143.4
10.0
0.954
-66.6
1.323
-56.2
.243
47.2
.577
137.8
12.0
0.968
-77.1
1.298
-66.4
.295
36.7
.578
125.1
14.0
0.982
-87.3
1.301
-75.6
.348
24.6
.571
111.9
16.0
0.986
-98.1
1.302
-85.8
.395
12.1
.530
99.8
18.0
0.970
-108.8
1.268
-95.9
.453
1.1
.493
90.0
20.0
0.962
-120.3
1.199
-104.0
.484
-7.5
.465
80.7
22.0
0.978
-130.6
1.119
-113.2
.518
-16.8
.467
67.9
24.0
1.039
-141.1
1.071
-123.5
.545
-23.7
.497
55.5
26.0
1.109
-152.1
1.076
-137.0
.574
-33.5
.485
40.8
26.5
1.112
-154.7
1.068
-140.6
.569
-36.8
.477
37.3
0.25
3.5
27.0
0.12
3.5
24.7
0.05
3.4
20.6
-0.03
3.4
17.9
0.02
3.4
14.6
0.01
3.4
12.9
0.04
3.3
11.6
0.06
3.2
10.5
0.09
3.1
9.7
0.15
2.9
9.1
0.17
2.8
8.6
0.18
2.4
7.9
0.16
2.4
7.4
0.13
2.3
6.4
0.11
2.3
5.7
0.14
2.3
5.2
0.21
2.1
4.5
0.20
1.6
3.9
0.14
1.0
3.0
-0.00
0.6
2.9
-0.11
0.6
2.7
-0.11
0.6
2.7
FREQUENCY
S11
S21
S12
S22
KS21
MAG2
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
(dB)
VDS = -2 V, IDS = 10 mA
0.1
0.999
-0.7
1.574
-0.3
.002
135.9
.687
179.7
0.2
1.000
-1.5
1.575
-1.3
.005
96.9
.686
179.2
0.5
0.998
-3.6
1.569
-2.9
.012
87.2
.687
177.8
1.0
0.997
-7.4
1.565
-6.1
.022
87.9
.685
175.9
2.0
0.998
-14.7
1.562
-12.0
.043
82.0
.684
171.3
3.0
0.998
-21.6
1.558
-17.8
.066
79.8
.685
167.5
4.0
0.993
-28.3
1.550
-23.6
.087
75.1
.680
164.0
5.0
0.990
-34.8
1.525
-28.9
.110
71.7
.678
159.7
6.0
0.982
-41.3
1.518
-34.4
.132
67.0
.680
156.3
7.0
0.966
-48.0
1.472
-39.7
.155
61.7
.677
153.1
8.0
0.964
-54.4
1.463
-46.0
.172
57.8
.680
149.6
9.0
0.961
-59.9
1.395
-52.0
.193
55.0
.684
145.7
10.0
0.961
-65.9
1.401
-56.2
.220
51.0
.690
140.6
12.0
0.974
-76.3
1.376
-65.7
.268
40.8
.700
128.7
14.0
0.990
-86.5
1.378
-75.6
.319
28.9
.696
116.0
16.0
0.998
-97.1
1.383
-85.8
.364
17.1
.651
104.3
18.0
0.985
-107.9
1.350
-96.1
.417
6.0
.612
95.2
20.0
0.982
-119.1
1.273
-104.0
.448
-2.0
.582
87.1
22.0
0.995
-129.7
1.173
-112.5
.485
-11.7
.582
74.2
24.0
1.056
-140.0
1.121
-122.6
.513
-18.5
.611
61.8
26.0
1.132
-150.8
1.118
-135.6
.537
-27.8
.606
48.3
26.5
1.123
-153.5
1.119
-139.9
.539
-30.6
.584
45.2
FREQUENCY
S11
S21
S12
S22
KS21
MAG2
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
(dB)
VDS = -2 V, IDS = 30 mA
See notes on back page.
-0.33
3.9
29.0
-0.09
3.9
25.0
0.06
3.9
21.2
0.02
3.9
18.5
0.01
3.9
15.6
-0.01
3.8
13.7
0.03
3.8
12.5
0.02
3.7
11.4
0.06
3.6
10.6
0.11
3.4
9.8
0.13
3.3
9.3
0.13
2.9
8.6
0.10
2.9
8.0
0.07
2.8
7.1
0.07
2.8
6.3
0.10
2.8
5.8
0.17
2.6
5.1
0.15
2.1
4.5
0.08
1.4
3.8
-0.07
1.0
3.4
-0.18
1.0
3.2
-0.15
1.0
3.2
NE23300
j100
j50
j25
j10
-j100
-j50
-j25
0
26.5 GHz
S22
.1 GHz
S11
.1 GHz
26.5 GHz
10
25
50
100
+90
˚
+60
˚
+30
˚
+120
˚
-150
˚
-120
˚
-90
˚
-60
˚
-30
˚
0
˚
S21
.1 GHz
S12
.1 GHz
26.5 GHz
+150
˚
+180
˚
26.5 GHz


Podobny numer części - NE23300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
NE23300 NEC-NE23300 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET (SPACE QUALIFIED)
More results

Podobny opis - NE23300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
California Eastern Labs
NE33284 CEL-NE33284 Datasheet
54Kb / 5P
   SUPER LOW NOISE HJ FET
NE33200 CEL-NE33200 Datasheet
87Kb / 7P
   SUPER LOW NOISE HJ FET
logo
NEC
NE33284A NEC-NE33284A_98 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET
NE33200N NEC-NE33200N Datasheet
85Kb / 7P
   SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE3210S01 CEL-NE3210S01 Datasheet
414Kb / 7P
   SUPER LOW NOISE HJ FET
NE4210S01 CEL-NE4210S01 Datasheet
252Kb / 7P
   SUPER LOW NOISE HJ FET
logo
NEC
NE334S01 NEC-NE334S01_00 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
NE434S01 NEC-NE434S01_98 Datasheet
41Kb / 5P
   C BAND SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE334S01 CEL-NE334S01 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
logo
NEC
NE23300 NEC-NE23300 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET (SPACE QUALIFIED)
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com