Zakładka z wyszukiwarką danych komponentów |
|
CS181022-CQZ Arkusz danych(PDF) 6 Page - Cirrus Logic |
|
CS181022-CQZ Arkusz danych(HTML) 6 Page - Cirrus Logic |
6 / 54 page 6 ©Copyright 2005 Cirrus Logic, Inc. DS651UM23 Version 2.3 CobraNet Hardware User’s Manual Features 2.0 Features 2.1 CobraNet • Real-time Digital Audio Distribution via Ethernet • No Overall Limit on Network Channel Capacity • Fully IEEE 802.3 Ethernet Standards Compliant • Fiber optic and gigabit Ethernet variants are fully supported. • Ethernet infrastructure can be used simultaneously for audio and data communications. • Free CobraCAD™ Audio Network Design Tool • High-quality Audio Sample Clock Delivery Over Ethernet • Bit-transparent 16-, 20-, and 24-bit Audio Transport • Professional 48-kHz and 96-kHz sample rate • Select Latency as Low as 1.33ms • Flexible Many-to-many Network Audio Routing Capabilities • Reduced-cost, Improved-performance, Convergent Audio Distribution Infrastructure 2.2 CobraNet Interface • 120 MIPS Customer-configurable Audio DSP • Auto-negotiating 100Mbit Full-duplex Ethernet Connections • Up to 32-channel Audio I/O Capability • Implements CobraNet Protocol for real-time transport of audio over Ethernet. • Local Management via 8-bit Parallel Host Port • UDP/IP Network Stack with Dynamic IP Address Assignment via BOOTP or RARP • Remote Management via Simple Network Management Protocol (SNMP) • Economical Three-chip Solution • Available Module form factor allows for flexible integration into audio products. • Non-volatile Storage of Configuration Parameters • Safely Upgrade Firmware Over Ethernet Connection • LED Indicators for Ethernet Link, Activity, Port Selection, and Conductor Status • Watchdog Timer Output for System Integrity Assurance • Comprehensive Power-on Self-test (POST) • Error and Fault Reporting and Logging Mechanisms |
Podobny numer części - CS181022-CQZ |
|
Podobny opis - CS181022-CQZ |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |