Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NE3505M04-T2 Arkusz danych(PDF) 11 Page - California Eastern Labs

Numer części NE3505M04-T2
Szczegółowy opis  HETERO JUNCTION FIELD EFFECT TRANSISITOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CEL [California Eastern Labs]
Strona internetowa  http://www.cel.com
Logo CEL - California Eastern Labs

NE3505M04-T2 Arkusz danych(HTML) 11 Page - California Eastern Labs

Back Button NE3505M04-T2 Datasheet HTML 7Page - California Eastern Labs NE3505M04-T2 Datasheet HTML 8Page - California Eastern Labs NE3505M04-T2 Datasheet HTML 9Page - California Eastern Labs NE3505M04-T2 Datasheet HTML 10Page - California Eastern Labs NE3505M04-T2 Datasheet HTML 11Page - California Eastern Labs NE3505M04-T2 Datasheet HTML 12Page - California Eastern Labs NE3505M04-T2 Datasheet HTML 13Page - California Eastern Labs NE3505M04-T2 Datasheet HTML 14Page - California Eastern Labs NE3505M04-T2 Datasheet HTML 15Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Reference Data
NE3505M04
S-parameter
VDS=2V, ID=10mA
Freq
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
2.0
0.924
-39.6
5.060
140.0
0.055
66.7
0.512
-28.7
2.5
0.882
-48.9
4.875
130.7
0.067
61.7
0.498
-35.2
3.0
0.840
-57.8
4.730
121.7
0.078
56.2
0.480
-42.0
3.5
0.798
-66.6
4.556
113.0
0.088
51.4
0.457
-48.4
4.0
0.750
-75.3
4.375
104.6
0.097
46.9
0.439
-54.5
4.5
0.704
-83.9
4.200
96.3
0.106
42.6
0.418
-60.6
5.0
0.664
-92.1
4.053
87.9
0.114
38.5
0.396
-67.0
5.5
0.622
-101.6
3.879
80.7
0.121
34.6
0.373
-72.5
6.0
0.579
-110.4
3.718
73.2
0.128
30.7
0.354
-78.1
6.5
0.542
-119.8
3.565
65.9
0.135
26.9
0.331
-83.5
7.0
0.511
-128.9
3.424
58.8
0.141
23.5
0.309
-88.7
7.5
0.481
-138.4
3.289
51.9
0.147
20.2
0.290
-94.0
8.0
0.458
-148.4
3.157
45.1
0.153
16.8
0.268
-99.7
8.5
0.438
-157.7
3.041
38.5
0.159
13.5
0.250
-105.0
9.0
0.421
-167.9
2.932
32.0
0.165
10.3
0.230
-110.4
9.5
0.411
-177.7
2.823
25.7
0.171
7.1
0.209
-116.4
10.0
0.406
172.5
2.725
19.5
0.177
3.9
0.190
-123.4
10.5
0.404
162.9
2.634
13.3
0.183
0.6
0.172
-129.9
11.0
0.402
153.3
2.548
7.2
0.188
-2.7
0.155
-138.7
11.5
0.406
143.7
2.464
1.1
0.194
-5.9
0.139
-149.3
12.0
0.410
134.7
2.386
-5.0
0.200
-9.3
0.127
-161.7
12.5
0.423
125.8
2.309
-11.0
0.205
-12.8
0.119
-176.2
13.0
0.435
117.5
2.235
-16.7
0.211
-16.1
0.116
167.3
13.5
0.448
109.1
2.161
-22.7
0.216
-19.7
0.120
150.9
14.0
0.470
101.6
2.089
-28.6
0.222
-23.4
0.127
135.6
14.5
0.489
94.4
2.017
-34.3
0.226
-26.9
0.142
119.2
15.0
0.509
87.6
1.949
-40.2
0.231
-30.7
0.160
108.2
15.5
0.531
81.4
1.880
-45.9
0.235
-34.4
0.176
97.0
16.0
0.554
75.4
1.812
-51.5
0.239
-38.2
0.199
85.5
16.5
0.577
70.1
1.748
-57.2
0.242
-42.2
0.225
77.9
17.0
0.595
64.8
1.684
-62.8
0.245
-45.9
0.243
69.6
17.5
0.620
59.6
1.621
-68.3
0.248
-50.1
0.268
61.3
18.0
0.634
55.4
1.564
-73.8
0.251
-53.9
0.293
54.6


Podobny numer części - NE3505M04-T2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
California Eastern Labs
NE350184C CEL-NE350184C Datasheet
269Kb / 8P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR K-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE350184C RENESAS-NE350184C Datasheet
223Kb / 11P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2005
logo
California Eastern Labs
NE350184C-T1 CEL-NE350184C-T1 Datasheet
269Kb / 8P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR K-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE350184C-T1 RENESAS-NE350184C-T1 Datasheet
223Kb / 11P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2005
NE350184C-T1-A RENESAS-NE350184C-T1-A Datasheet
223Kb / 11P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2005
More results

Podobny opis - NE3505M04-T2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
California Eastern Labs
NE3508M04 CEL-NE3508M04 Datasheet
1Mb / 11P
   HETERO JUNCTION FIELD EFFECT TRANSISITOR
logo
Renesas Technology Corp
NE3210S01 RENESAS-NE3210S01 Datasheet
197Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1999
NE38018 RENESAS-NE38018 Datasheet
236Kb / 13P
   Hetero Junction Field Effect transistor
2003
logo
California Eastern Labs
NE3512S02 CEL-NE3512S02 Datasheet
270Kb / 8P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
NE3514S02 CEL-NE3514S02_13 Datasheet
285Kb / 8P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NE32484A RENESAS-NE32484A Datasheet
195Kb / 14P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1991
NE32900 RENESAS-NE32900 Datasheet
181Kb / 10P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1997
NE32500 RENESAS-NE32500 Datasheet
199Kb / 10P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1996
NE34018 RENESAS-NE34018 Datasheet
250Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2000
logo
California Eastern Labs
NE3515S02-A CEL-NE3515S02-A Datasheet
415Kb / 9P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com