Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FGB30N6S2 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FGB30N6S2
Szczegółowy opis  600V, SMPS II Series N-Channel IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGB30N6S2 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FGB30N6S2 Datasheet HTML 1Page - Fairchild Semiconductor FGB30N6S2 Datasheet HTML 2Page - Fairchild Semiconductor FGB30N6S2 Datasheet HTML 3Page - Fairchild Semiconductor FGB30N6S2 Datasheet HTML 4Page - Fairchild Semiconductor FGB30N6S2 Datasheet HTML 5Page - Fairchild Semiconductor FGB30N6S2 Datasheet HTML 6Page - Fairchild Semiconductor FGB30N6S2 Datasheet HTML 7Page - Fairchild Semiconductor FGB30N6S2 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2003 Fairchild Semiconductor Corporation
FGH30N6S2 / FGP30N6S2 / FGS30N6S2 Rev. A1
Typical Performance Curves
Figure 1. DC Collector Current vs Case
Temperature
Figure 2. Minimum Switching Safe Operating Area
Figure 3. Operating Frequency vs Collector to
Emitter Current
Figure 4. Short Circuit Withstand Time
Figure 5. Collector to Emitter On-State Voltage
Figure 6. Collector to Emitter On-State Voltage
TC, CASE TEMPERATURE (
oC)
50
10
0
20
25
75
100
125
150
40
30
50
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
700
0
300
400
200
100
500
600
0
40
60
20
70
50
30
10
TJ = 150
oC, R
G = 10Ω, VGE = 15V, L = 100µH
1
ICE, COLLECTOR TO EMITTER CURRENT (A)
10
30
10
20
1000
100
TC
75oC
TJ = 125
oC, R
G = 3Ω, L = 200µH, VCE = 390V
fMAX1 = 0.05 / (td(OFF)I + td(ON)I)
RØJC = 0.49
oC/W, SEE NOTES
PC = CONDUCTION DISSIPATION
(DUTY FACTOR = 50%)
fMAX2 = (PD - PC) / (EON2 + EOFF)
VGE = 10V
VGE = 15V
VGE, GATE TO EMITTER VOLTAGE (V)
100
150
200
250
300
350
9
10111213
141516
2
4
6
8
10
12
VCE = 390V, RG = 10Ω, TJ = 125
oC
ISC
tSC
0.50
1.00
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
0
2
6
1.50
2.25
14
8
18
16
1.25
4
10
12
1.75
PULSE DURATION = 250
µs
DUTY CYCLE < 0.5%, VGE = 10V
TJ = 125
oC
TJ = 150
oC
0.75
2.00
TJ = 25
oC
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
0
18
.5
1
1.50
2.0
2.25
.75
1.75
1.25
2
6
14
8
16
4
10
12
TJ = 125
oC
TJ = 25
oC
DUTY CYCLE < 0.5%, VGE =15V
PULSE DURATION = 250
µs
TJ = 150
oC


Podobny numer części - FGB30N6S2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FGB30N6S2 FAIRCHILD-FGB30N6S2 Datasheet
177Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGB30N6S2 FAIRCHILD-FGB30N6S2 Datasheet
259Kb / 11P
   600V, SMPS II Series N-Channel IGBT
FGB30N6S2D FAIRCHILD-FGB30N6S2D Datasheet
281Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGB30N6S2D FAIRCHILD-FGB30N6S2D Datasheet
287Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGB30N6S2DT FAIRCHILD-FGB30N6S2DT Datasheet
287Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
More results

Podobny opis - FGB30N6S2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FGH50N6S2 FAIRCHILD-FGH50N6S2 Datasheet
173Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH30N6S2 FAIRCHILD-FGH30N6S2_01 Datasheet
259Kb / 11P
   600V, SMPS II Series N-Channel IGBT
FGH30N6S2 FAIRCHILD-FGH30N6S2 Datasheet
177Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH20N6S2 FAIRCHILD-FGH20N6S2 Datasheet
183Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH40N6S2 FAIRCHILD-FGH40N6S2 Datasheet
176Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH60N6S2 FAIRCHILD-FGH60N6S2 Datasheet
175Kb / 8P
   600V, SMPS II Series N-Channel IGBT
logo
Intersil Corporation
HGTD7N60A4S INTERSIL-HGTD7N60A4S Datasheet
168Kb / 11P
   600V, SMPS Series N-Channel IGBT
June 2000
logo
Fairchild Semiconductor
HGT1S7N60A4S9A FAIRCHILD-HGT1S7N60A4S9A Datasheet
204Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTD3N60A4S FAIRCHILD-HGTD3N60A4S Datasheet
189Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTG40N60A4 FAIRCHILD-HGTG40N60A4 Datasheet
181Kb / 8P
   600V, SMPS Series N-Channel IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com