Zakładka z wyszukiwarką danych komponentów |
|
Z0103MA-116 Arkusz danych(PDF) 7 Page - NXP Semiconductors |
|
Z0103MA-116 Arkusz danych(HTML) 7 Page - NXP Semiconductors |
7 / 13 page NXP Semiconductors Z0103MA 4Q Triac Z0103MA All information provided in this document is subject to legal disclaimers. © NXP N.V. 2013. All rights reserved Product data sheet 23 August 2013 7 / 13 9. Characteristics Table 6. Characteristics Symbol Parameter Conditions Min Typ Max Unit Static characteristics VD = 12 V; IT = 0.1 A; T2+ G+; Tj = 25 °C; Fig. 7 - - 3 mA VD = 12 V; IT = 0.1 A; T2+ G-; Tj = 25 °C; Fig. 7 - - 3 mA VD = 12 V; IT = 0.1 A; T2- G-; Tj = 25 °C; Fig. 7 - - 3 mA IGT gate trigger current VD = 12 V; IT = 0.1 A; T2- G+; Tj = 25 °C; Fig. 7 - - 5 mA VD = 12 V; IG = 0.1 A; T2+ G+; Tj = 25 °C; Fig. 8 - - 7 mA VD = 12 V; IG = 0.1 A; T2+ G-; Tj = 25 °C; Fig. 8 - - 15 mA VD = 12 V; IG = 0.1 A; T2- G-; Tj = 25 °C; Fig. 8 - - 7 mA IL latching current VD = 12 V; IG = 0.1 A; T2- G+; Tj = 25 °C; Fig. 8 - - 7 mA IH holding current VD = 12 V; Tj = 25 °C; Fig. 9 - - 7 mA VT on-state voltage IT = 1.4 A; Tj = 25 °C; Fig. 10 - 1.3 1.6 V VD = 12 V; IT = 0.1 A; Tj = 25 °C; Fig. 11 - - 1 V VGT gate trigger voltage VD = 600 V; IT = 0.1 A; Tj = 125 °C; Fig. 11 0.2 - - V ID off-state current VD = 600 V; Tj = 125 °C - - 0.5 mA Dynamic characteristics dVD/dt rate of rise of off-state voltage VDM = 402 V; Tj = 110 °C; (VDM = 67% of VDRM); exponential waveform; gate open circuit; Fig. 12 10 - - V/µs dVcom/dt rate of change of commutating voltage VD = 400 V; Tj = 110 °C; dIcom/ dt = 0.44 A/ms; IT = 1 A; gate open circuit 0.5 - - V/µs |
Podobny numer części - Z0103MA-116 |
|
Podobny opis - Z0103MA-116 |