Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0103MA Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części Z0103MA
Szczegółowy opis  Direct interfacing to logic level ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

Z0103MA Arkusz danych(HTML) 4 Page - NXP Semiconductors

  Z0103MA Datasheet HTML 1Page - NXP Semiconductors Z0103MA Datasheet HTML 2Page - NXP Semiconductors Z0103MA Datasheet HTML 3Page - NXP Semiconductors Z0103MA Datasheet HTML 4Page - NXP Semiconductors Z0103MA Datasheet HTML 5Page - NXP Semiconductors Z0103MA Datasheet HTML 6Page - NXP Semiconductors Z0103MA Datasheet HTML 7Page - NXP Semiconductors Z0103MA Datasheet HTML 8Page - NXP Semiconductors Z0103MA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NXP Semiconductors
Z0103MA
4Q Triac
Z0103MA
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
23 August 2013
4 / 13
003aac264
0
0.4
0.8
1.2
-50
0
50
100
150
Tlead(°C)
IT(RMS)
(A)
Fig. 1. RMS on-state current as a function of lead
temperature; maximum values
003aaf977
0
4
8
12
16
10-2
10-1
1
10
surge duration (s)
IT(RMS)
(A)
f = 50 Hz; Tlead = 45 °C
Fig. 2. RMS on-state current as a function of surge
duration; maximum values
003aac259
0.0
0.4
0.8
1.2
1.6
2.0
0
0.2
0.4
0.6
0.8
1
1.2
IT(RMS) (A)
Ptot
(W)
alpha = 180°
120°
90°
60°
30°
conduction
angle
(degrees)
form
factor
a
30
60
90
120
180
4
2.8
2.2
1.9
1.57
alpha
alpha = conduction angle
Fig. 3. Total power dissipation as a function of RMS on-state current; maximum values


Podobny numer części - Z0103MA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
Z0103MA PHILIPS-Z0103MA Datasheet
267Kb / 12P
   Triacs
Rev. 02-12 September 2002
logo
STMicroelectronics
Z0103MA STMICROELECTRONICS-Z0103MA Datasheet
74Kb / 8P
   1A TRIACS
Z0103MA STMICROELECTRONICS-Z0103MA Datasheet
96Kb / 9P
   1 A Triacs
logo
NXP Semiconductors
Z0103MA NXP-Z0103MA Datasheet
183Kb / 12P
   Logic level four-quadrant triac
Rev. 4-18 March 2011
logo
ON Semiconductor
Z0103MA ONSEMI-Z0103MA Datasheet
195Kb / 10P
   Sensitive Gate Triacs Series Silicon Bidirectional Thyristors
June, 2009??Rev. 2
More results

Podobny opis - Z0103MA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
Z0107MA116 PHILIPS-Z0107MA116 Datasheet
200Kb / 13P
   Direct interfacing to logic level ICs
23 August 2013
MAC97A8-412 PHILIPS-MAC97A8-412 Datasheet
182Kb / 13P
   Direct interfacing to logic level ICs
7 November 2013
Z0103MN0 NXP-Z0103MN0 Datasheet
214Kb / 15P
   4Q Triac Direct interfacing to logic level ICs
Rev. 01-3 January 2011
Z0103MA0 NXP-Z0103MA0 Datasheet
174Kb / 13P
   4Q Triac Direct interfacing to logic level ICs
Rev. 01-3 January 2011
logo
Silikron Semiconductor ...
BSS138 SILIKRON-BSS138 Datasheet
414Kb / 8P
   Direct Logic-Level Interface: TTL/CMOS
2N7002K SILIKRON-2N7002K Datasheet
300Kb / 5P
   Direct Logic-Level Interface: TTL/CMOS
logo
Bruckewell Technology L...
BSS138 BWTECH-BSS138 Datasheet
586Kb / 4P
   Direct Logic-Level Interface: TTL/CMOS
logo
NXP Semiconductors
BT137-600D NXP-BT137-600D Datasheet
157Kb / 13P
   Direct triggering from low power drivers and logic ICs
Rev. 3-24 March 2011
logo
Intersil Corporation
CA3242 INTERSIL-CA3242 Datasheet
12Kb / 1P
   Quad-Gated Inverting Power Driver For Interfacing Low-Level Logic to High Current Load
August 1998
logo
Rohm
BU4S01G2 ROHM-BU4S01G2_09 Datasheet
575Kb / 17P
   Single Gate CMOS Logic ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com