Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0103MA Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części Z0103MA
Szczegółowy opis  Direct interfacing to logic level ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

Z0103MA Arkusz danych(HTML) 1 Page - NXP Semiconductors

  Z0103MA Datasheet HTML 1Page - NXP Semiconductors Z0103MA Datasheet HTML 2Page - NXP Semiconductors Z0103MA Datasheet HTML 3Page - NXP Semiconductors Z0103MA Datasheet HTML 4Page - NXP Semiconductors Z0103MA Datasheet HTML 5Page - NXP Semiconductors Z0103MA Datasheet HTML 6Page - NXP Semiconductors Z0103MA Datasheet HTML 7Page - NXP Semiconductors Z0103MA Datasheet HTML 8Page - NXP Semiconductors Z0103MA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Z0103MA
4Q Triac
23 August 2013
Product data sheet
Scan or click this QR code to view the latest information for this product
1. General description
Planar passivated very sensitive gate four quadrant triac in a SOT54 (TO-92) plastic
package intended for use in applications requiring direct interfacing to logic ICs and low
power gate drivers.
2. Features and benefits
Direct interfacing to logic level ICs
Direct interfacing to low power gate drive circuits
High blocking voltage capability
Planar passivated for voltage ruggedness and reliability
Triggering in all four quadrants
Very sensitive gate in four quadrants
3. Applications
General purpose low power motor control
Home appliances
Industrial process control
Low power AC Fan controllers
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDRM
repetitive peak off-
state voltage
-
-
600
V
ITSM
non-repetitive peak on-
state current
full sine wave; Tj(init) = 25 °C;
tp = 20 ms; Fig. 4; Fig. 5
-
-
8
A
IT(RMS)
RMS on-state current
full sine wave; Tlead ≤ 45 °C; Fig. 1;
Fig. 2; Fig. 3
-
-
1
A
Static characteristics
VD = 12 V; IT = 0.1 A; T2+ G+;
Tj = 25 °C; Fig. 7
-
-
3
mA
IGT
gate trigger current
VD = 12 V; IT = 0.1 A; T2+ G-;
Tj = 25 °C; Fig. 7
-
-
3
mA


Podobny numer części - Z0103MA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
Z0103MA PHILIPS-Z0103MA Datasheet
267Kb / 12P
   Triacs
Rev. 02-12 September 2002
logo
STMicroelectronics
Z0103MA STMICROELECTRONICS-Z0103MA Datasheet
74Kb / 8P
   1A TRIACS
Z0103MA STMICROELECTRONICS-Z0103MA Datasheet
96Kb / 9P
   1 A Triacs
logo
NXP Semiconductors
Z0103MA NXP-Z0103MA Datasheet
183Kb / 12P
   Logic level four-quadrant triac
Rev. 4-18 March 2011
logo
ON Semiconductor
Z0103MA ONSEMI-Z0103MA Datasheet
195Kb / 10P
   Sensitive Gate Triacs Series Silicon Bidirectional Thyristors
June, 2009??Rev. 2
More results

Podobny opis - Z0103MA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
Z0107MA116 PHILIPS-Z0107MA116 Datasheet
200Kb / 13P
   Direct interfacing to logic level ICs
23 August 2013
MAC97A8-412 PHILIPS-MAC97A8-412 Datasheet
182Kb / 13P
   Direct interfacing to logic level ICs
7 November 2013
Z0103MN0 NXP-Z0103MN0 Datasheet
214Kb / 15P
   4Q Triac Direct interfacing to logic level ICs
Rev. 01-3 January 2011
Z0103MA0 NXP-Z0103MA0 Datasheet
174Kb / 13P
   4Q Triac Direct interfacing to logic level ICs
Rev. 01-3 January 2011
logo
Silikron Semiconductor ...
BSS138 SILIKRON-BSS138 Datasheet
414Kb / 8P
   Direct Logic-Level Interface: TTL/CMOS
2N7002K SILIKRON-2N7002K Datasheet
300Kb / 5P
   Direct Logic-Level Interface: TTL/CMOS
logo
Bruckewell Technology L...
BSS138 BWTECH-BSS138 Datasheet
586Kb / 4P
   Direct Logic-Level Interface: TTL/CMOS
logo
NXP Semiconductors
BT137-600D NXP-BT137-600D Datasheet
157Kb / 13P
   Direct triggering from low power drivers and logic ICs
Rev. 3-24 March 2011
logo
Intersil Corporation
CA3242 INTERSIL-CA3242 Datasheet
12Kb / 1P
   Quad-Gated Inverting Power Driver For Interfacing Low-Level Logic to High Current Load
August 1998
logo
Rohm
BU4S01G2 ROHM-BU4S01G2_09 Datasheet
575Kb / 17P
   Single Gate CMOS Logic ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com