Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0107MA116 Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części Z0107MA116
Szczegółowy opis  Direct interfacing to logic level ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

Z0107MA116 Arkusz danych(HTML) 3 Page - NXP Semiconductors

  Z0107MA116 Datasheet HTML 1Page - NXP Semiconductors Z0107MA116 Datasheet HTML 2Page - NXP Semiconductors Z0107MA116 Datasheet HTML 3Page - NXP Semiconductors Z0107MA116 Datasheet HTML 4Page - NXP Semiconductors Z0107MA116 Datasheet HTML 5Page - NXP Semiconductors Z0107MA116 Datasheet HTML 6Page - NXP Semiconductors Z0107MA116 Datasheet HTML 7Page - NXP Semiconductors Z0107MA116 Datasheet HTML 8Page - NXP Semiconductors Z0107MA116 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
NXP Semiconductors
Z0107MA
4Q Triac
Z0107MA
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
23 August 2013
3 / 13
7. Limiting values
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDRM
repetitive peak off-state voltage
-
600
V
IT(RMS)
RMS on-state current
full sine wave; Tlead ≤ 45 °C; Fig. 1;
Fig. 2; Fig. 3
-
1
A
full sine wave; Tj(init) = 25 °C;
tp = 20 ms; Fig. 4; Fig. 5
-
8
A
ITSM
non-repetitive peak on-state
current
full sine wave; Tj(init) = 25 °C;
tp = 16.7 ms
-
8.5
A
I2t
I2t for fusing
tp = 10 ms; SIN
-
0.32
A2s
IT = 1 A; IG = 20 mA; dIG/dt = 0.1 A/µs;
T2+ G+
-
50
A/µs
IT = 1 A; IG = 20 mA; dIG/dt = 0.1 A/µs;
T2+ G-
-
50
A/µs
IT = 1 A; IG = 20 mA; dIG/dt = 0.1 A/µs;
T2- G-
-
50
A/µs
dIT/dt
rate of rise of on-state current
IT = 1 A; IG = 20 mA; dIG/dt = 0.1 A/µs;
T2- G+
-
20
A/µs
IGM
peak gate current
-
1
A
PGM
peak gate power
-
2
W
PG(AV)
average gate power
over any 20 ms period
-
0.1
W
Tstg
storage temperature
-40
150
°C
Tj
junction temperature
-
125
°C


Podobny numer części - Z0107MA116

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
Z0107MA1AA2 STMICROELECTRONICS-Z0107MA1AA2 Datasheet
74Kb / 8P
   1A TRIACS
Z0107MA1AA2 STMICROELECTRONICS-Z0107MA1AA2 Datasheet
96Kb / 9P
   1 A Triacs
Z0107MA1AA2 STMICROELECTRONICS-Z0107MA1AA2 Datasheet
130Kb / 12P
   Standard 1A Triacs
More results

Podobny opis - Z0107MA116

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
Z0103MA-116 PHILIPS-Z0103MA-116 Datasheet
205Kb / 13P
   Direct interfacing to logic level ICs
23 August 2013
MAC97A8-412 PHILIPS-MAC97A8-412 Datasheet
182Kb / 13P
   Direct interfacing to logic level ICs
7 November 2013
Z0103MN0 NXP-Z0103MN0 Datasheet
214Kb / 15P
   4Q Triac Direct interfacing to logic level ICs
Rev. 01-3 January 2011
Z0103MA0 NXP-Z0103MA0 Datasheet
174Kb / 13P
   4Q Triac Direct interfacing to logic level ICs
Rev. 01-3 January 2011
logo
Silikron Semiconductor ...
BSS138 SILIKRON-BSS138 Datasheet
414Kb / 8P
   Direct Logic-Level Interface: TTL/CMOS
2N7002K SILIKRON-2N7002K Datasheet
300Kb / 5P
   Direct Logic-Level Interface: TTL/CMOS
logo
Bruckewell Technology L...
BSS138 BWTECH-BSS138 Datasheet
586Kb / 4P
   Direct Logic-Level Interface: TTL/CMOS
logo
NXP Semiconductors
BT137-600D NXP-BT137-600D Datasheet
157Kb / 13P
   Direct triggering from low power drivers and logic ICs
Rev. 3-24 March 2011
logo
Intersil Corporation
CA3242 INTERSIL-CA3242 Datasheet
12Kb / 1P
   Quad-Gated Inverting Power Driver For Interfacing Low-Level Logic to High Current Load
August 1998
logo
Rohm
BU4S01G2 ROHM-BU4S01G2_09 Datasheet
575Kb / 17P
   Single Gate CMOS Logic ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com