Zakładka z wyszukiwarką danych komponentów |
|
Z0107MA Arkusz danych(PDF) 4 Page - NXP Semiconductors |
|
Z0107MA Arkusz danych(HTML) 4 Page - NXP Semiconductors |
4 / 13 page NXP Semiconductors Z0107MA 4Q Triac Z0107MA All information provided in this document is subject to legal disclaimers. © NXP N.V. 2013. All rights reserved Product data sheet 23 August 2013 4 / 13 003aac264 0 0.4 0.8 1.2 -50 0 50 100 150 Tlead(°C) IT(RMS) (A) Fig. 1. RMS on-state current as a function of lead temperature; maximum values 003aaf977 0 4 8 12 16 10-2 10-1 1 10 surge duration (s) IT(RMS) (A) f = 50 Hz; Tlead = 45 °C Fig. 2. RMS on-state current as a function of surge duration; maximum values 003aac259 0.0 0.4 0.8 1.2 1.6 2.0 0 0.2 0.4 0.6 0.8 1 1.2 IT(RMS) (A) Ptot (W) alpha = 180° 120° 90° 60° 30° conduction angle (degrees) form factor a 30 60 90 120 180 4 2.8 2.2 1.9 1.57 alpha alpha = conduction angle Fig. 3. Total power dissipation as a function of RMS on-state current; maximum values |
Podobny numer części - Z0107MA |
|
Podobny opis - Z0107MA |