Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0107MA Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części Z0107MA
Szczegółowy opis  Direct interfacing to logic level ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

Z0107MA Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button Z0107MA Datasheet HTML 3Page - NXP Semiconductors Z0107MA Datasheet HTML 4Page - NXP Semiconductors Z0107MA Datasheet HTML 5Page - NXP Semiconductors Z0107MA Datasheet HTML 6Page - NXP Semiconductors Z0107MA Datasheet HTML 7Page - NXP Semiconductors Z0107MA Datasheet HTML 8Page - NXP Semiconductors Z0107MA Datasheet HTML 9Page - NXP Semiconductors Z0107MA Datasheet HTML 10Page - NXP Semiconductors Z0107MA Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NXP Semiconductors
Z0107MA
4Q Triac
Z0107MA
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
23 August 2013
7 / 13
9. Characteristics
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
VD = 12 V; IT = 0.1 A; T2+ G+;
Tj = 25 °C; Fig. 7
-
-
5
mA
VD = 12 V; IT = 0.1 A; T2+ G-;
Tj = 25 °C; Fig. 7
-
-
5
mA
VD = 12 V; IT = 0.1 A; T2- G-;
Tj = 25 °C; Fig. 7
-
-
5
mA
IGT
gate trigger current
VD = 12 V; IT = 0.1 A; T2- G+;
Tj = 25 °C; Fig. 7
-
-
7
mA
VD = 12 V; IG = 0.1 A; T2+ G+;
Tj = 25 °C; Fig. 8
-
-
10
mA
VD = 12 V; IG = 0.1 A; T2+ G-;
Tj = 25 °C; Fig. 8
-
-
20
mA
VD = 12 V; IG = 0.1 A; T2- G-;
Tj = 25 °C; Fig. 8
-
-
10
mA
IL
latching current
VD = 12 V; IG = 0.1 A; T2- G+;
Tj = 25 °C; Fig. 8
-
-
10
mA
IH
holding current
VD = 12 V; Tj = 25 °C; Fig. 9
-
-
10
mA
VT
on-state voltage
IT = 1 A; Tj = 25 °C; Fig. 10
-
1.3
1.6
V
VD = 12 V; IT = 0.1 A; Tj = 25 °C;
Fig. 11
-
-
1
V
VGT
gate trigger voltage
VD = 600 V; IT = 0.1 A; Tj = 125 °C;
Fig. 11
0.2
-
-
V
ID
off-state current
VD = 600 V; Tj = 125 °C
-
-
0.5
mA
Dynamic characteristics
dVD/dt
rate of rise of off-state
voltage
VDM = 402 V; Tj = 110 °C; (VDM = 67%
of VDRM); exponential waveform; gate
open circuit; Fig. 12
20
-
-
V/µs
dVcom/dt
rate of change of
commutating voltage
VD = 400 V; Tj = 110 °C; dIcom/
dt = 0.44 A/ms; IT = 1 A; gate open
circuit
1
-
-
V/µs


Podobny numer części - Z0107MA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
Z0107MA PHILIPS-Z0107MA Datasheet
267Kb / 12P
   Triacs
Rev. 02-12 September 2002
logo
STMicroelectronics
Z0107MA STMICROELECTRONICS-Z0107MA Datasheet
74Kb / 8P
   1A TRIACS
Z0107MA STMICROELECTRONICS-Z0107MA Datasheet
96Kb / 9P
   1 A Triacs
logo
NXP Semiconductors
Z0107MA NXP-Z0107MA Datasheet
183Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
logo
ON Semiconductor
Z0107MA ONSEMI-Z0107MA Datasheet
195Kb / 10P
   Sensitive Gate Triacs Series Silicon Bidirectional Thyristors
June, 2009??Rev. 2
More results

Podobny opis - Z0107MA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
Z0103MA-116 PHILIPS-Z0103MA-116 Datasheet
205Kb / 13P
   Direct interfacing to logic level ICs
23 August 2013
MAC97A8-412 PHILIPS-MAC97A8-412 Datasheet
182Kb / 13P
   Direct interfacing to logic level ICs
7 November 2013
Z0103MN0 NXP-Z0103MN0 Datasheet
214Kb / 15P
   4Q Triac Direct interfacing to logic level ICs
Rev. 01-3 January 2011
Z0103MA0 NXP-Z0103MA0 Datasheet
174Kb / 13P
   4Q Triac Direct interfacing to logic level ICs
Rev. 01-3 January 2011
logo
Silikron Semiconductor ...
BSS138 SILIKRON-BSS138 Datasheet
414Kb / 8P
   Direct Logic-Level Interface: TTL/CMOS
2N7002K SILIKRON-2N7002K Datasheet
300Kb / 5P
   Direct Logic-Level Interface: TTL/CMOS
logo
Bruckewell Technology L...
BSS138 BWTECH-BSS138 Datasheet
586Kb / 4P
   Direct Logic-Level Interface: TTL/CMOS
logo
NXP Semiconductors
BT137-600D NXP-BT137-600D Datasheet
157Kb / 13P
   Direct triggering from low power drivers and logic ICs
Rev. 3-24 March 2011
logo
Intersil Corporation
CA3242 INTERSIL-CA3242 Datasheet
12Kb / 1P
   Quad-Gated Inverting Power Driver For Interfacing Low-Level Logic to High Current Load
August 1998
logo
Rohm
BU4S01G2 ROHM-BU4S01G2_09 Datasheet
575Kb / 17P
   Single Gate CMOS Logic ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com