Zakładka z wyszukiwarką danych komponentów |
|
Z0107MA Arkusz danych(PDF) 2 Page - NXP Semiconductors |
|
Z0107MA Arkusz danych(HTML) 2 Page - NXP Semiconductors |
2 / 13 page NXP Semiconductors Z0107MA 4Q Triac Z0107MA All information provided in this document is subject to legal disclaimers. © NXP N.V. 2013. All rights reserved Product data sheet 23 August 2013 2 / 13 Symbol Parameter Conditions Min Typ Max Unit VD = 12 V; IT = 0.1 A; T2- G-; Tj = 25 °C; Fig. 7 - - 5 mA VD = 12 V; IT = 0.1 A; T2- G+; Tj = 25 °C; Fig. 7 - - 7 mA 5. Pinning information Table 2. Pinning information Pin Symbol Description Simplified outline Graphic symbol 1 T2 main terminal 2 2 G gate 3 T1 main terminal 1 1 2 3 TO-92 (SOT54) sym051 T1 G T2 6. Ordering information Table 3. Ordering information Package Type number Name Description Version Z0107MA TO-92 plastic single-ended leaded (through hole) package; 3 leads SOT54 |
Podobny numer części - Z0107MA |
|
Podobny opis - Z0107MA |