Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A-301E Arkusz danych(PDF) 8 Page - PARA LIGHT ELECTRONICS CO., LTD.

Numer części A-301E
Szczegółowy opis  0.3 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Strona internetowa  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-301E Arkusz danych(HTML) 8 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button A-301E Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-301E Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-301E Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-301E Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-301E Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-301E Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-301E Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-301E Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. A-301E Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
0.3
INCH
SINGLE
DIGIT
DISPLAY
A-301E
REV:A / 1
—LEAD STRENGTH
1) Bend strength
Do not bend the PIN more than twice. (Fig.7)
2) Tensile strength (@Room Temperature)
If the force is 1kg or less, there will be no problem. (Fig.8)
—HANDLING PRECAUTIONS
Although rigid against vibration, the Display may damaged or scratched if dropped. So take care
when handling.
—CHEMICAL RESISTANCE
1) Avoid exposure to chemicals as it may attack the Display surface and cause discoloration.
2) When washing is required, refer to the following table for the proper chemical to be used.
SOLVENT
ADAPTABILITY
Freon TE
Chlorothene
Isopropyl Alcohol
Thinner
Acetone
Trichloroethylene
⊙--Usable
╳--Do not use.
DRAWING NO. : DS-11-04-0040
DATE : 2013-04-11
Page : 10
Fig.7
1Kg
ok!
Fig.8
Release
by
PARALIGHTDCC


Podobny numer części - A-301E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
A-301E-11 ETC-A-301E-11 Datasheet
95Kb / 1P
   SINGLE DIGIT DISPLAY
logo
PARA LIGHT ELECTRONICS ...
A-301E-11-A PARALIGHT-A-301E-11-A Datasheet
199Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
More results

Podobny opis - A-301E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PARA LIGHT ELECTRONICS ...
C-311SR-PSN-A PARALIGHT-C-311SR-PSN-A Datasheet
193Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSD-322A9 CHINASEMI-CSD-322A9 Datasheet
175Kb / 5P
   0.3 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-301GB PARALIGHT-A-301GB Datasheet
150Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
C-311Y PARALIGHT-C-311Y Datasheet
207Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
A-311Y-A PARALIGHT-A-311Y-A Datasheet
209Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
A-301E-11-A PARALIGHT-A-301E-11-A Datasheet
199Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
A-301SR-11 PARALIGHT-A-301SR-11 Datasheet
192Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
C-311E-A PARALIGHT-C-311E-A Datasheet
183Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
C-311G PARALIGHT-C-311G Datasheet
208Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
C-301Y-11 PARALIGHT-C-301Y-11 Datasheet
217Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com