Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KAQW213 Arkusz danych(PDF) 4 Page - COSMO Electronics Corporation

Numer części KAQW213
Szczegółowy opis  8PIN 250V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COSMO [COSMO Electronics Corporation]
Strona internetowa  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQW213 Arkusz danych(HTML) 4 Page - COSMO Electronics Corporation

  KAQW213 Datasheet HTML 1Page - COSMO  Electronics Corporation KAQW213 Datasheet HTML 2Page - COSMO  Electronics Corporation KAQW213 Datasheet HTML 3Page - COSMO  Electronics Corporation KAQW213 Datasheet HTML 4Page - COSMO  Electronics Corporation KAQW213 Datasheet HTML 5Page - COSMO  Electronics Corporation KAQW213 Datasheet HTML 6Page - COSMO  Electronics Corporation KAQW213 Datasheet HTML 7Page - COSMO  Electronics Corporation KAQW213 Datasheet HTML 8Page - COSMO  Electronics Corporation KAQW213 Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M20003.1
- 4 -
http://www.cosmo-ic.com
cosmo
KAQW213 Series
8PIN 250V N.O. TYPE
SOLID STATE RELAY-MOSFET OUTPUT
 Schematic and Wiring Diagrams
Schematic
Output
Configuration
Load
Connection
Wiring Diagrams
2
1
8
7
4
3
6
5
2a
AC
DC
-
I L2
4
5
Load
5
(AC,DC)
(AC,DC)
(AC,DC)
(AC,DC)
(1) Two independent 1 Form A use
(2) 2 Form A use
4
IN
V
F
I
3
2
1
IN2
V
IN1
V
F2
I
3
I F1
2
1
6
7
8
Load
I L1
V L2
V L1
5
6
7
8
Load
Load
I L2
L1
I
V L2
V L1
5
Load
Load
6
7
8
I L2
I L1
L1
L2
V
V
(AC,DC)
(AC,DC)
Load
Load
6
7
8
I L2
L1
I
L1
L2
V
V
(AC,DC)
(AC,DC)
4
IN2
V
IN1
V
F2
I
3
I F1
2
1
4
IN
V
F
I
3
2
1


Podobny numer części - KAQW213

ProducentNumer częściArkusz danychSzczegółowy opis
logo
COSMO Electronics Corp...
KAQW213A COSMO-KAQW213A Datasheet
174Kb / 7P
   PRODUCT SPECIFICATION
KAQW213ATL COSMO-KAQW213ATL Datasheet
261Kb / 12P
   8PIN 250V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW213ATR COSMO-KAQW213ATR Datasheet
261Kb / 12P
   8PIN 250V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW213H COSMO-KAQW213H Datasheet
214Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQW213STL COSMO-KAQW213STL Datasheet
261Kb / 12P
   8PIN 250V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results

Podobny opis - KAQW213

ProducentNumer częściArkusz danychSzczegółowy opis
logo
COSMO Electronics Corp...
KAQW213 COSMO-KAQW213_15 Datasheet
261Kb / 12P
   8PIN 250V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW210 COSMO-KAQW210_15 Datasheet
248Kb / 12P
   8PIN 350V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW212 COSMO-KAQW212_15 Datasheet
250Kb / 12P
   8PIN 60V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW216 COSMO-KAQW216 Datasheet
467Kb / 12P
   8PIN 600V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW217 COSMO-KAQW217_15 Datasheet
249Kb / 12P
   8PIN 200V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW216 COSMO-KAQW216_15 Datasheet
249Kb / 12P
   8PIN 600V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW214 COSMO-KAQW214_15 Datasheet
249Kb / 12P
   8PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW612 COSMO-KAQW612_15 Datasheet
271Kb / 12P
   8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW614 COSMO-KAQW614_15 Datasheet
257Kb / 12P
   8PIN 400V N.O. N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW612 COSMO-KAQW612 Datasheet
488Kb / 12P
   8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com