Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KAQV216 Arkusz danych(PDF) 6 Page - COSMO Electronics Corporation

Numer części KAQV216
Szczegółowy opis  6PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COSMO [COSMO Electronics Corporation]
Strona internetowa  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQV216 Arkusz danych(HTML) 6 Page - COSMO Electronics Corporation

Back Button KAQV216 Datasheet HTML 2Page - COSMO  Electronics Corporation KAQV216 Datasheet HTML 3Page - COSMO  Electronics Corporation KAQV216 Datasheet HTML 4Page - COSMO  Electronics Corporation KAQV216 Datasheet HTML 5Page - COSMO  Electronics Corporation KAQV216 Datasheet HTML 6Page - COSMO  Electronics Corporation KAQV216 Datasheet HTML 7Page - COSMO  Electronics Corporation KAQV216 Datasheet HTML 8Page - COSMO  Electronics Corporation KAQV216 Datasheet HTML 9Page - COSMO  Electronics Corporation KAQV216 Datasheet HTML 10Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M10006.1
- 6 -
http://www.cosmo-ic.com
cosmo
KAQV216 Series
6PIN 600V N.O TYPE
SOLID STATE RELAY-MOSFET OUTPUT
Fig.7 LED Dropout Voltage
vs. Ambient Temperature
Fig.8 Voltage vs. Current Characteristics
of Output at MOSFET Portion
0
-40
-20
0
20
40
60
80
1.7
1.5
1.3
1.1
0.9
1.9
50 m A
30 m A
20 m A
10 m A
5m A
1
2
3
4
5
-5
-4
-3
-2
-1
-2 0
-4 0
-6 0
-8 0
-1 0 0
-1 2 0
1 2 0
1 0 0
8 0
6 0
4 0
2 0
Ambient Temperature Ta (℃)
Voltage (V)
Fig.9
Turn-on Time
vs. LED Forward Current
Fig.10 Off-state Leakage Current
vs. Load Voltage
0
0.2
0.4
0.6
0.8
1.0
10
20
30
40
50
0
60
20
40
60
80
100
0
10
-12
10
10
10
-9
-6
-3
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.11
Turn-off Time vs.
LED Forward Current
Fig.12
Output Capacitance vs.
Applied Voltage
0
0 .1
0 .2
0 .3
0 .4
0 .5
1 0
2 0
3 0
4 0
5 0
0
6 0
0
1 0
2 0
3 0
4 0
6 0
0
8 0
1 0
2 0
3 0
4 0
5 0
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)


Podobny numer części - KAQV216

ProducentNumer częściArkusz danychSzczegółowy opis
logo
COSMO Electronics Corp...
KAQV216A COSMO-KAQV216A Datasheet
171Kb / 7P
   PRODUCT SPECIFICATION
KAQV216ATL COSMO-KAQV216ATL Datasheet
271Kb / 12P
   6PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV216ATR COSMO-KAQV216ATR Datasheet
271Kb / 12P
   6PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV216H COSMO-KAQV216H Datasheet
209Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQV216STL COSMO-KAQV216STL Datasheet
271Kb / 12P
   6PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results

Podobny opis - KAQV216

ProducentNumer częściArkusz danychSzczegółowy opis
logo
COSMO Electronics Corp...
KAQV216 COSMO-KAQV216_15 Datasheet
271Kb / 12P
   6PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV254 COSMO-KAQV254 Datasheet
470Kb / 11P
   6PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV210 COSMO-KAQV210_15 Datasheet
270Kb / 12P
   6PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV214 COSMO-KAQV214_15 Datasheet
272Kb / 12P
   6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV212 COSMO-KAQV212_15 Datasheet
264Kb / 12P
   6PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV214 COSMO-KAQV214 Datasheet
492Kb / 12P
   6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV254 COSMO-KAQV254_15 Datasheet
246Kb / 11P
   6PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV213 COSMO-KAQV213_15 Datasheet
283Kb / 12P
   6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV217 COSMO-KAQV217_15 Datasheet
271Kb / 12P
   6PIN 200V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
KAQV213 COSMO-KAQV213 Datasheet
502Kb / 12P
   6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com