Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC-4532CD647XFA-A75 Arkusz danych(PDF) 10 Page - Elpida Memory

Numer części MC-4532CD647XFA-A75
Szczegółowy opis  32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ELPIDA [Elpida Memory]
Strona internetowa  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4532CD647XFA-A75 Arkusz danych(HTML) 10 Page - Elpida Memory

Back Button MC-4532CD647XFA-A75 Datasheet HTML 6Page - Elpida Memory MC-4532CD647XFA-A75 Datasheet HTML 7Page - Elpida Memory MC-4532CD647XFA-A75 Datasheet HTML 8Page - Elpida Memory MC-4532CD647XFA-A75 Datasheet HTML 9Page - Elpida Memory MC-4532CD647XFA-A75 Datasheet HTML 10Page - Elpida Memory MC-4532CD647XFA-A75 Datasheet HTML 11Page - Elpida Memory MC-4532CD647XFA-A75 Datasheet HTML 12Page - Elpida Memory MC-4532CD647XFA-A75 Datasheet HTML 13Page - Elpida Memory MC-4532CD647XFA-A75 Datasheet HTML 14Page - Elpida Memory  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
MC-4532CD647XFA
Data Sheet E0230N20 (Ver. 2.0)
Serial PD
(1/2)
Byte No.
Function Described
Hex
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Notes
0
Defines the number of bytes written into
serial PD memory
80H
1
0
0
0
0
0
0
0
128 bytes
1
Total number of bytes of serial PD memory
08H
0
0
0
0
1
0
0
0
256 bytes
2
Fundamental memory type
04H
0
0
0
0
0
1
0
0
SDRAM
3
Number of rows
0CH
0
0
0
0
1
1
0
0
12 rows
4
Number of columns
0AH
0
0
0
0
1
0
1
0
10 columns
5
Number of banks
02H
0
0
0
0
0
0
1
0
2 banks
6
Data width
40H
0
1
0
0
0
0
0
0
64 bits
7
Data width (continued)
00H
0
0
0
0
0
0
0
0
0
8
Voltage interface
01H
0
0
0
0
0
0
0
1
LVTTL
9
CL = 3 Cycle time
75H
0
1
1
1
0
1
0
1
7.5 ns
10
CL = 3 Access time
54H
0
1
0
1
0
1
0
0
5.4 ns
11
DIMM configuration type
00H
0
0
0
0
0
0
0
0
None
12
Refresh rate/type
80H
1
0
0
0
0
0
0
0
Normal
13
SDRAM width
08H
0
0
0
0
1
0
0
0
×8
14
Error checking SDRAM width
00H
0
0
0
0
0
0
0
0
None
15
Minimum clock delay
01H
0
0
0
0
0
0
0
1
1 clock
16
Burst length supported
8FH
1
0
0
0
1
1
1
1
1, 2, 4, 8, F
17
Number of banks on each SDRAM
04H
0
0
0
0
0
1
0
0
4 banks
18
/CAS latency supported
06H
0
0
0
0
0
1
1
0
2, 3
19
/CS latency supported
01H
0
0
0
0
0
0
0
1
0
20
/WE latency supported
01H
0
0
0
0
0
0
0
1
0
21
SDRAM module attributes
00H
0
0
0
0
0
0
0
0
22
SDRAM device attributes : General
0EH
0
0
0
0
1
1
1
0
23
CL = 2 Cycle time
A0H
1
0
1
0
0
0
0
0
10 ns
A0H
1
0
1
0
0
0
0
0
10 ns
24
CL = 2 Access time
60H
0
1
1
0
0
0
0
0
6 ns
25-26
00H
0
0
0
0
0
0
0
0
27
tRP(MIN.)
14H
0
0
0
1
0
1
0
0
20 ns
28
tRRD(MIN.)
0FH
0
0
0
0
1
1
1
1
15 ns
29
tRCD(MIN.)
14H
0
0
0
1
0
1
0
0
20 ns
30
tRAS(MIN.)
2DH
0
0
1
0
1
1
0
1
45 ns
31
Module bank density
20H
0
0
1
0
0
0
0
0
128M bytes
32
Command and address signal input setup
time
15H
0
0
0
1
0
1
0
1
1.5 ns
33
Command and address signal input
hold time
08H
0
0
0
0
1
0
0
0
0.8 ns
34
Data signal input setup time
15H
0
0
0
1
0
1
0
1
1.5 ns
35
Data signal input hold time
08H
0
0
0
0
1
0
0
0
0.8 ns
36-61
00H
0
0
0
0
0
0
0
0
62
SPD revision
12H
0
0
0
1
0
0
1
0
1.2
63
Checksum for bytes 0 - 62
B0H
1
0
1
1
0
0
0
0
64
Manufacture’s JEDEC ID code
10H
0
0
0
1
0
0
0
0
NEC


Podobny numer części - MC-4532CD647XFA-A75

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Elpida Memory
MC-4532CD647XF-A75 ELPIDA-MC-4532CD647XF-A75 Datasheet
167Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Podobny opis - MC-4532CD647XFA-A75

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
MC-4532CD646 NEC-MC-4532CD646 Datasheet
148Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CD647 ELPIDA-MC-4532CD647 Datasheet
167Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CD646 ELPIDA-MC-4532CD646 Datasheet
170Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CD647 NEC-MC-4532CD647 Datasheet
207Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45V32AD642 ELPIDA-MC-45V32AD642 Datasheet
162Kb / 16P
   32M-WORD BY 64-BIT VirtualChannelTM DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CC727 NEC-MC-4532CC727 Datasheet
220Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CC727 ELPIDA-MC-4532CC727 Datasheet
172Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CC727XFA ELPIDA-MC-4532CC727XFA Datasheet
174Kb / 14P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CC726 NEC-MC-4532CC726 Datasheet
153Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CC726 ELPIDA-MC-4532CC726 Datasheet
174Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com