Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC-4R256FKE8D-840 Arkusz danych(PDF) 5 Page - Elpida Memory

Numer części MC-4R256FKE8D-840
Szczegółowy opis  Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ELPIDA [Elpida Memory]
Strona internetowa  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4R256FKE8D-840 Arkusz danych(HTML) 5 Page - Elpida Memory

  MC-4R256FKE8D-840 Datasheet HTML 1Page - Elpida Memory MC-4R256FKE8D-840 Datasheet HTML 2Page - Elpida Memory MC-4R256FKE8D-840 Datasheet HTML 3Page - Elpida Memory MC-4R256FKE8D-840 Datasheet HTML 4Page - Elpida Memory MC-4R256FKE8D-840 Datasheet HTML 5Page - Elpida Memory MC-4R256FKE8D-840 Datasheet HTML 6Page - Elpida Memory MC-4R256FKE8D-840 Datasheet HTML 7Page - Elpida Memory MC-4R256FKE8D-840 Datasheet HTML 8Page - Elpida Memory MC-4R256FKE8D-840 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Data Sheet
E0265N10 (Ver 1.0)
5
MC-4R256FKE8D-840
Module Connector Pad Description
(1/2)
Signal
I/O
Type
Description
GND
Ground reference for RDRAM core and interface. 72 PCB connector pads.
LCFM
I
RSL
Clock from master. Interface clock used for receiving RSL signals from the
Channel. Positive polarity.
LCFMN
I
RSL
Clock from master. Interface clock used for receiving RSL signals from the
Channel. Negative polarity.
LCMD
I
VCMOS
Serial Command used to read from and write to the control registers. Also used
for power management.
LCOL4..LCOL0
I
RSL
Column bus. 5-bit bus containing control and address information for column
accesses.
LCTM
I
RSL
Clock to master. Interface clock used for transmitting RSL signals to the
Channel. Positive polarity.
LCTMN
I
RSL
Clock to master. Interface clock used for transmitting RSL signals to the
Channel. Negative polarity.
LDQA8..LDQA0
I/O
RSL
Data bus A. A 9-bit bus carrying a byte of read or write data between the Channel
and the RDRAM. LDQA8 is non-functional on modules with x16 RDRAM devices.
LDQB8..LDQB0
I/O
RSL
Data bus B. A 9-bit bus carrying a byte of read or write data between the Channel
and the RDRAM. LDQB8 is non-functional on modules with x16 RDRAM devices.
LROW2..LROW0
I
RSL
Row bus. 3-bit bus containing control and address information for row accesses.
LSCK
I
VCMOS
Serial clock input. Clock source used to read from and write to the RDRAM
control registers.
NC
These pads are not connected. These 24 connector pads are reserved for future
use.
RCFM
I
RSL
Clock from master. Interface clock used for receiving RSL signals from the
Channel. Positive polarity.
RCFMN
I
RSL
Clock from master. Interface clock used for receiving RSL signals from the
Channel. Negative polarity.
RCMD
I
VCMOS
Serial Command Input used to read from and write to the control registers. Also
used for power management.
RCOL4..RCOL0
I
RSL
Column bus. 5-bit bus containing control and address information for column
accesses.
RCTM
I
RSL
Clock to master. Interface clock used for transmitting RSL signals to the
Channel. Positive polarity.
RCTMN
I
RSL
Clock to master. Interface clock used for transmitting RSL signals to the
Channel. Negative polarity.
RDQA8..RDQA0
I/O
RSL
Data bus A. A 9-bit bus carrying a byte of read or write data between the Channel
and the RDRAM. RDQA8 is non-functional on modules with x16 RDRAM devices.
RDQB8..RDQB0
I/O
RSL
Data bus B. A 9-bit bus carrying a byte of read or write data between the Channel
and the RDRAM. RDQB8 is non-functional on modules with x16 RDRAM devices.
RROW2..RROW0
I
RSL
Row bus. 3-bit bus containing control and address information for row accesses.


Podobny numer części - MC-4R256FKE8D-840

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Elpida Memory
MC-4R256FKE8D-845 ELPIDA-MC-4R256FKE8D-845 Datasheet
116Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
More results

Podobny opis - MC-4R256FKE8D-840

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Elpida Memory
MC-4R256FKE8D ELPIDA-MC-4R256FKE8D Datasheet
116Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
MC-4R256FKE8S-840 ELPIDA-MC-4R256FKE8S-840 Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
MC-4R256FKE8S ELPIDA-MC-4R256FKE8S Datasheet
126Kb / 14P
   Direct Rambus DRAM SO-RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
MC-4R256CPE6C ELPIDA-MC-4R256CPE6C Datasheet
175Kb / 16P
   Direct Rambus??DRAM RIMM??Module 256M-BYTE (128M-WORD x 16-BIT)
MC-4R256FKE6D-840 ELPIDA-MC-4R256FKE6D-840 Datasheet
490Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 16-BIT)
logo
NEC
MC-4R256CEE6B NEC-MC-4R256CEE6B Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT
logo
Elpida Memory
MC-4R256FKE6D ELPIDA-MC-4R256FKE6D Datasheet
116Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 16-BIT)
logo
NEC
MC-4R256CPE6C NEC-MC-4R256CPE6C Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT
logo
Elpida Memory
MC-4R128FKE8D ELPIDA-MC-4R128FKE8D Datasheet
113Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 18-BIT)
MC-4R512FKE8D ELPIDA-MC-4R512FKE8D Datasheet
132Kb / 14P
   Direct Rambus DRAM RIMM Module 512M-BYTE (256M-WORD x 18-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com