Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC-4R512FKK6K-840 Arkusz danych(PDF) 4 Page - Elpida Memory

Numer części MC-4R512FKK6K-840
Szczegółowy opis  512MB 32-bit Direct Rambus DRAM RIMM Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ELPIDA [Elpida Memory]
Strona internetowa  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4R512FKK6K-840 Arkusz danych(HTML) 4 Page - Elpida Memory

  MC-4R512FKK6K-840 Datasheet HTML 1Page - Elpida Memory MC-4R512FKK6K-840 Datasheet HTML 2Page - Elpida Memory MC-4R512FKK6K-840 Datasheet HTML 3Page - Elpida Memory MC-4R512FKK6K-840 Datasheet HTML 4Page - Elpida Memory MC-4R512FKK6K-840 Datasheet HTML 5Page - Elpida Memory MC-4R512FKK6K-840 Datasheet HTML 6Page - Elpida Memory MC-4R512FKK6K-840 Datasheet HTML 7Page - Elpida Memory MC-4R512FKK6K-840 Datasheet HTML 8Page - Elpida Memory MC-4R512FKK6K-840 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MC-4R512FKK6K
Preliminary Data Sheet E0267N10 (Ver. 1.0)
4
Module Connector Pad Description
Signal
Module
connector pads
I/O
Type
Description
CFM_THRU_L
A14
I
RSL
Clock From Master. Connects to left RDRAM device on
"Thru" Channel. Interface clock used for receiving RSL
signals from the controller. Positive polarity.
CFM_THRU_R
B54
I
RSL
Clock From Master. Connects to right RDRAM device on
"Thru" Channel. Interface clock used for receiving RSL
signals from the controller. Positive polarity.
CFMN_THRU_L
A16
I
RSL
Clock From Master. Connects to left RDRAM device on
"Thru" Channel. Interface clock used for receiving RSL
signals from the controller. Negative polarity.
CFMN_THRU_R
B52
I
RSL
Clock From Master. Connects to right RDRAM device on
"Thru" Channel. Interface clock used for receiving RSL
signals from the controller. Negative polarity.
CMD_THRU_L
B2
I
VCMOS
Serial Command Input used to read from and write to the
control registers. Also used for power management.
Connects to left RDRAM device on "Thru" Channel.
CMD_THRU_R
A73
I
VCMOS
Serial Command Input used to read from and write to the
control registers. Also used for power management.
Connects to right RDRAM device on "Thru" Channel.
COL4_THRU_L..
COL0_THRU_L
A20, B20, A22, B22,
A24
I
RSL
"Thru" Channel Column bus. 5-bit bus containing control and
address information for column accesses. Connects to left
RDRAM device on "Thru" Channel.
COL4_THRU_R..
COL0_THRU_R
B48, A48, B46, A46,
B44
I
RSL
"Thru" Channel Column bus. 5-bit bus containing control and
address information for column accesses. Connects to right
RDRAM device on "Thru" Channel.
CTM_THRU_L
B14
I
RSL
Clock To Master. Connects to left RDRAM device on "Thru"
Channel. Interface clock used for transmitting RSL signals to
the controller. Positive polarity.
CTM_THRU_R
A54
I
RSL
Clock To Master. Connects to right RDRAM device on "Thru"
Channel. Interface clock used for transmitting RSL signals to
the controller. Positive polarity.
CTMN_THRU_L
B12
I
RSL
Clock To Master. Connects to left RDRAM device on "Thru"
Channel. Interface clock used for transmitting RSL signals to
the controller. Negative polarity.
CTMN_THRU_R
A56
I
RSL
Clock To Master. Connects to right RDRAM device on "Thru"
Channel. Interface clock used for transmitting RSL signals to
the controller. Negative polarity.
DQA8_THRU_L..
DQA0_THRU_L
A4, B4, A6, B6, A8,
B8, A10, B10, A12
I/O
RSL
"Thru" Channel Data bus A. A 9-bit bus carrying a byte of
read or write data between the controller and RDRAM devices
on “Thru” Channel. Connects to left RDRAM device on "Thru"
Channel. DQA8_THRU_L is non-functional on modules.
DQA8_THRU_R..
DQA0_THRU_R
B67, A67, B65, A65,
B63, A63, B58, A58,
B56
I/O
RSL
"Thru" Channel Data bus A. A 9-bit bus carrying a byte of
read or write data between the controller and RDRAM devices
on “Thru” Channel. Connects to right RDRAM device on
"Thru" Channel. DQA8_THRU_R is non-functional on
modules.
DQB8_THRU_L..
DQB0_THRU_L
B32, A32, B30, A30,
B28, A28, B26, A26,
B24
I/O
RSL
"Thru" Channel Data bus B. A 9-bit bus carrying a byte of
read or write data between the controller and RDRAM devices
on “Thru” Channel. Connects to left RDRAM device on "Thru"
Channel. DQB8_THRU_L is non-functional on modules.
DQB8_THRU_R..
DQB0_THRU_R
A36, B36, A38, B38,
A40, B40, A42, B42,
A44
I/O
RSL
"Thru" Channel Data bus B. A 9-bit bus carrying a byte of
read or write data between the controller and RDRAM devices
on “Thru” Channel. Connects to right RDRAM device on
"Thru" Channel. DQB8_THRU_R is non-functional on
modules.
ROW2_THRU_L..
ROW0_THRU_L
B16, A18, B18
I
RSL
Row bus. 3-bit bus containing control and address information
for row accesses. Connects to left RDRAM device on "Thru"
Channel.


Podobny numer części - MC-4R512FKK6K-840

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Elpida Memory
MC-4R512FKK8K ELPIDA-MC-4R512FKK8K Datasheet
91Kb / 13P
   512MB 32-bit Direct Rambus DRAM RIMM Module
MC-4R512FKK8K-840 ELPIDA-MC-4R512FKK8K-840 Datasheet
91Kb / 13P
   512MB 32-bit Direct Rambus DRAM RIMM Module
More results

Podobny opis - MC-4R512FKK6K-840

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Elpida Memory
MC-4R512FKK8K ELPIDA-MC-4R512FKK8K Datasheet
91Kb / 13P
   512MB 32-bit Direct Rambus DRAM RIMM Module
EBR51UC8ABKD ELPIDA-EBR51UC8ABKD Datasheet
125Kb / 13P
   512MB 32-bit Direct Rambus DRAM RIMM??Module
EBR51EC8ABKD ELPIDA-EBR51EC8ABKD Datasheet
125Kb / 13P
   512MB 32-bit Direct Rambus DRAM RIMM??Module
EBR51EC8ABFD ELPIDA-EBR51EC8ABFD Datasheet
114Kb / 12P
   512MB Direct Rambus??DRAM RIMM??Module
EBR51UC8ABFD ELPIDA-EBR51UC8ABFD Datasheet
114Kb / 12P
   512MB Direct Rambus??DRAM RIMM??Module
MC-4R128FKK8K ELPIDA-MC-4R128FKK8K Datasheet
88Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM Module
EBR12EC8ABKD ELPIDA-EBR12EC8ABKD Datasheet
121Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM??Module
MC-4R256FKK6K ELPIDA-MC-4R256FKK6K Datasheet
91Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM Module
EBR12UC8ABKD ELPIDA-EBR12UC8ABKD Datasheet
121Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM??Module
EBR25UC8ABKD ELPIDA-EBR25UC8ABKD Datasheet
123Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM??Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com