Zakładka z wyszukiwarką danych komponentów |
|
MC-4R64FKE6D Arkusz danych(PDF) 1 Page - Elpida Memory |
|
MC-4R64FKE6D Arkusz danych(HTML) 1 Page - Elpida Memory |
1 / 14 page The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version. Not all devices/types available in every country. Please check with local Elpida Memory, Inc. for availability and additional information. Elpida Memory,Inc. 2001-2002 MOS INTEGRATED CIRCUIT MC-4R64FKE6D Direct Rambus DRAM RIMM TM Module 64M-BYTE (32M-WORD x 16-BIT) DATA SHEET Document No. E0092N20 (Ver. 2.0) Date Published June 2002 (K) Japan URL: http://www.elpida.com Elpida Memory, Inc. is a joint venture DRAM company of NEC Corporation and Hitachi, Ltd. Description The Direct Rambus RIMM module is a general-purpose high-performance memory module subsystem suitable for use in a broad range of applications including computer memory, personal computers, workstations, and other applications where high bandwidth and low latency are required. MC-4R64FKE6D modules consists of two 288M Direct Rambus DRAM (Direct RDRAM) devices ( µPD488588). These are extremely high-speed CMOS DRAMs organized as 16M words by 18 bits. The use of Rambus Signaling Level (RSL) technology permits 600MHz, 711MHz or 800MHz transfer rates while using conventional system and board design technologies. Direct RDRAM devices are capable of sustained data transfers at 1.25 ns per two bytes (10 ns per sixteen bytes). The architecture of the Direct RDRAM enables the highest sustained bandwidth for multiple, simultaneous, randomly addressed memory transactions. The separate control and data buses with independent row and column control yield over 95 % bus efficiency. The Direct RDRAM's 32 banks support up to four simultaneous transactions per device. Features • 184 edge connector pads with 1mm pad spacing • 64 MB Direct RDRAM storage • Each RDRAM has 32 banks, for 64 banks total on module • Gold plated contacts • RDRAMs use Chip Scale Package (CSP) • Serial Presence Detect support • Operates from a 2.5 V supply • Powerdown self refresh modes • Separate Row and Column buses for higher efficiency • Over Drive Factor (ODF) support |
Podobny numer części - MC-4R64FKE6D |
|
Podobny opis - MC-4R64FKE6D |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |