Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC-4R64FKE6D-745 Arkusz danych(PDF) 9 Page - Elpida Memory

Numer części MC-4R64FKE6D-745
Szczegółowy opis  Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 16-BIT)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ELPIDA [Elpida Memory]
Strona internetowa  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4R64FKE6D-745 Arkusz danych(HTML) 9 Page - Elpida Memory

Back Button MC-4R64FKE6D-745 Datasheet HTML 5Page - Elpida Memory MC-4R64FKE6D-745 Datasheet HTML 6Page - Elpida Memory MC-4R64FKE6D-745 Datasheet HTML 7Page - Elpida Memory MC-4R64FKE6D-745 Datasheet HTML 8Page - Elpida Memory MC-4R64FKE6D-745 Datasheet HTML 9Page - Elpida Memory MC-4R64FKE6D-745 Datasheet HTML 10Page - Elpida Memory MC-4R64FKE6D-745 Datasheet HTML 11Page - Elpida Memory MC-4R64FKE6D-745 Datasheet HTML 12Page - Elpida Memory MC-4R64FKE6D-745 Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Data Sheet E0092N20 (Ver. 2.0)
9
MC-4R64FKE6D
AC Electrical Specifications
Symbol
Parameter and Conditions
MIN.
TYP.
MAX.
Unit
Z
Module Impedance of RSL signals
25.2
28.0
30.8
Module Impedance of SCK and CMD signals
23.8
28.0
32.2
TPD
Average clock delay from finger to finger of all RSL clock nets
1.28
ns
(CTM, CTMN,CFM, and CFMN)
∆TPD
Propagation delay variation of RSL signals with respect to TPD
Note1,2
−21
+21
ps
∆TPD-CMOS
Propagation delay variation of SCK signal with respect to an average clock
delay
Note1
−250
+250
ps
∆TPD- SCK,CMD Propagation delay variation of CMD signal with respect to SCK signal
−200
+200
ps
Vα/VIN
Attenuation Limit
-845
12.0
%
-745
12.0
-653
10.5
VXF/VIN
Forward crosstalk coefficient
-845
2.0
%
(300ps input rise time 20% - 80%)
-745
2.0
-653
2.0
VXB/VIN
Backward crosstalk coefficient
-845
1.5
%
(300ps input rise time 20% - 80%)
-745
1.5
-653
1.5
RDC
DC Resistance Limit
-845
0.6
-745
0.6
-653
0.6
Notes 1. TPD or Average clock delay is defined as the average delay from finger to finger of all RSL clock nets (CTM,
CTMN, CFM, and CFMN).
2. If the RIMM module meets the following specification, then it is compliant to the specification.
If the RIMM module does not meet these specifications, then the specification can be adjusted by the
“Adjusted
∆TPD Specification” table.
Adjusted
∆∆∆∆TPD Specification
Symbol
Parameter and conditions
Adjusted MIN./MAX.
Absolute
Unit
MIN.
MAX.
∆TPD
Propagation delay variation of RSL signals with respect to TPD
+/
− [17+(18*N*∆Z0)] Note
−30
+30
ps
Note N = Number of RDRAM devices installed on the RIMM module.
∆Z0 = delta Z0% = (MAX. Z0 MIN. Z0) / (MIN. Z0)
(MAX. Z0 and MIN. Z0 are obtained from the loaded (high impedance) impedance coupons of all RSL layers
on the module.)


Podobny numer części - MC-4R64FKE6D-745

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Elpida Memory
MC-4R64FKE6D-840 ELPIDA-MC-4R64FKE6D-840 Datasheet
458Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 16-BIT)
More results

Podobny opis - MC-4R64FKE6D-745

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Elpida Memory
MC-4R64FKE6D-840 ELPIDA-MC-4R64FKE6D-840 Datasheet
458Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 16-BIT)
logo
NEC
MC-4R64CPE6C NEC-MC-4R64CPE6C Datasheet
130Kb / 6P
   Direct Rambus DRAM RIMM Module 64M-BYTE 32M-WORD x 16-BIT
MC-4R64CEE6B NEC-MC-4R64CEE6B Datasheet
126Kb / 16P
   Direct Rambus DRAM RIMM Module 64M-BYTE 32M-WORD x 16-BIT
logo
Elpida Memory
MC-4R64CPE6C ELPIDA-MC-4R64CPE6C Datasheet
173Kb / 16P
   Direct Rambus??DRAM RIMM??Module 64M-BYTE (32M-WORD x 16-BIT)
MC-4R64FKE8D-840 ELPIDA-MC-4R64FKE8D-840 Datasheet
458Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 18-BIT)
MC-4R64FKE8D ELPIDA-MC-4R64FKE8D Datasheet
135Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 18-BIT)
logo
NEC
MC-4R128CEE6B NEC-MC-4R128CEE6B Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
logo
Elpida Memory
MC-4R128FKE6D-840 ELPIDA-MC-4R128FKE6D-840 Datasheet
497Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
MC-4R128FKE6D ELPIDA-MC-4R128FKE6D Datasheet
113Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
MC-4R128CPE6C ELPIDA-MC-4R128CPE6C Datasheet
175Kb / 16P
   Direct Rambus??DRAM RIMM??Module 128M-BYTE (64M-WORD x 16-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com