Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC-4R64FKE8D-845 Arkusz danych(PDF) 1 Page - Elpida Memory

Numer części MC-4R64FKE8D-845
Szczegółowy opis  Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 18-BIT)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ELPIDA [Elpida Memory]
Strona internetowa  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4R64FKE8D-845 Arkusz danych(HTML) 1 Page - Elpida Memory

  MC-4R64FKE8D-845 Datasheet HTML 1Page - Elpida Memory MC-4R64FKE8D-845 Datasheet HTML 2Page - Elpida Memory MC-4R64FKE8D-845 Datasheet HTML 3Page - Elpida Memory MC-4R64FKE8D-845 Datasheet HTML 4Page - Elpida Memory MC-4R64FKE8D-845 Datasheet HTML 5Page - Elpida Memory MC-4R64FKE8D-845 Datasheet HTML 6Page - Elpida Memory MC-4R64FKE8D-845 Datasheet HTML 7Page - Elpida Memory MC-4R64FKE8D-845 Datasheet HTML 8Page - Elpida Memory MC-4R64FKE8D-845 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local Elpida Memory, Inc. for
availability and additional information.
MOS INTEGRATED CIRCUIT
MC-4R64FKE8D
Direct Rambus DRAM RIMM
TM Module
64M-BYTE (32M-WORD x 18-BIT)
DATA SHEET
Document No. E0080N20 (Ver 2.0)
Date Published June 2002 (K) Japan
URL: http://www.elpida.com
Elpida Memory, Inc. 2001-2002
NEC Corporation. 2000
Elpida Memory, Inc. is a joint venture DRAM company of NEC Corporation and Hitachi, Ltd.
Description
The Direct Rambus RIMM module is a general-purpose high-performance memory module subsystem suitable for
use in a broad range of applications including computer memory, personal computers, workstations, and other
applications where high bandwidth and low latency are required.
MC-4R64FKE8D modules consists of two 288M Direct Rambus DRAM (Direct RDRAM) devices (
µPD488588).
These are extremely high-speed CMOS DRAMs organized as 16M words by 18 bits. The use of Rambus Signaling
Level (RSL) technology permits 600MHz, 711MHz or 800MHz transfer rates while using conventional system and
board design technologies.
Direct RDRAM devices are capable of sustained data transfers at 1.25 ns per two bytes (10 ns per sixteen bytes).
The architecture of the Direct RDRAM enables the highest sustained bandwidth for multiple, simultaneous,
randomly addressed memory transactions. The separate control and data buses with independent row and column
control yield over 95 % bus efficiency. The Direct RDRAM's 32 banks support up to four simultaneous transactions
per device.
Features
• 184 edge connector pads with 1mm pad spacing
• 64 MB Direct RDRAM storage
• Each RDRAMhas 32 banks, for 64 banks total on module
• Gold plated contacts
• RDRAMs use Chip Scale Package (CSP)
• Serial Presence Detect support
• Operates from a 2.5 V supply
• Powerdown self refresh modes
• Separate Row and Column buses for higher efficiency
• Over Drive Factor (ODF) support


Podobny numer części - MC-4R64FKE8D-845

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Elpida Memory
MC-4R64FKE8D-840 ELPIDA-MC-4R64FKE8D-840 Datasheet
458Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 18-BIT)
More results

Podobny opis - MC-4R64FKE8D-845

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Elpida Memory
MC-4R64FKE8D-840 ELPIDA-MC-4R64FKE8D-840 Datasheet
458Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 18-BIT)
MC-4R64FKE6D-840 ELPIDA-MC-4R64FKE6D-840 Datasheet
458Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 16-BIT)
logo
NEC
MC-4R64CPE6C NEC-MC-4R64CPE6C Datasheet
130Kb / 6P
   Direct Rambus DRAM RIMM Module 64M-BYTE 32M-WORD x 16-BIT
MC-4R64CEE6B NEC-MC-4R64CEE6B Datasheet
126Kb / 16P
   Direct Rambus DRAM RIMM Module 64M-BYTE 32M-WORD x 16-BIT
logo
Elpida Memory
MC-4R64FKE6D ELPIDA-MC-4R64FKE6D Datasheet
135Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 16-BIT)
MC-4R64CPE6C ELPIDA-MC-4R64CPE6C Datasheet
173Kb / 16P
   Direct Rambus??DRAM RIMM??Module 64M-BYTE (32M-WORD x 16-BIT)
MC-4R128FKE8D ELPIDA-MC-4R128FKE8D Datasheet
113Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 18-BIT)
MC-4R128FKE8D-840 ELPIDA-MC-4R128FKE8D-840 Datasheet
127Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 18-BIT)
MC-4R128FKE8S-840 ELPIDA-MC-4R128FKE8S-840 Datasheet
123Kb / 14P
   Direct Rambus DRAM SO-RIMM Module 128M-BYTE (64M-WORD x 18-BIT)
MC-4R128FKE8S ELPIDA-MC-4R128FKE8S Datasheet
123Kb / 14P
   Direct Rambus DRAM SO-RIMM Module 128M-BYTE (64M-WORD x 18-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com