Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC-4R64FKE8S-840 Arkusz danych(PDF) 5 Page - Elpida Memory

Numer części MC-4R64FKE8S-840
Szczegółowy opis  Direct Rambus DRAM SO-RIMM Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ELPIDA [Elpida Memory]
Strona internetowa  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4R64FKE8S-840 Arkusz danych(HTML) 5 Page - Elpida Memory

  MC-4R64FKE8S-840 Datasheet HTML 1Page - Elpida Memory MC-4R64FKE8S-840 Datasheet HTML 2Page - Elpida Memory MC-4R64FKE8S-840 Datasheet HTML 3Page - Elpida Memory MC-4R64FKE8S-840 Datasheet HTML 4Page - Elpida Memory MC-4R64FKE8S-840 Datasheet HTML 5Page - Elpida Memory MC-4R64FKE8S-840 Datasheet HTML 6Page - Elpida Memory MC-4R64FKE8S-840 Datasheet HTML 7Page - Elpida Memory MC-4R64FKE8S-840 Datasheet HTML 8Page - Elpida Memory MC-4R64FKE8S-840 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Data Sheet
E0259N20 (Ver. 2.0)
5
MC-4R64FKE8S-840
Module Connector Pad Description
(1/2)
Signal
I/O
Type
Description
GND
Ground reference for RDRAM core and interface.
LCFM
I
RSL
Clock from master.
Interface clock used for receiving RSL signals from the
Channel. Positive polarity.
LCFMN
I
RSL
Clock from master.
Interface clock used for receiving RSL signals from the
Channel. Negative polarity.
LCMD
I
VCMOS
Serial Command used to read from and write to the control registers. Also used
for power management.
LCOL4..LCOL0
I
RSL
Column bus.
5-bit bus containing control and address information for column
accesses.
LCTM
I
RSL
Clock to master. Interface clock used for transmitting RSL signals to the Channel.
Positive polarity.
LCTMN
I
RSL
Clock to master. Interface clock used for transmitting RSL signals to the Channel.
Negative polarity.
LDQA8..LDQA0
I/O
RSL
Data bus A. A 9-bit bus carrying a byte of read or write data between the Channel
and the RDRAM. LDQA8 is non-functional on modules with x16 RDRAM devices.
LDQB8..LDQB0
I/O
RSL
Data bus B. A 9-bit bus carrying a byte of read or write data between the Channel
and the RDRAM. LDQB8 is non-functional on modules with x16 RDRAM devices.
LROW2..LROW0
I
RSL
Row bus. 3-bit bus containing control and address information for row accesses.
LSCK
I
VCMOS
Serial clock input.
Clock source used to read from and write to the RDRAM
control registers.
NC
These pads are not connected. These 8 connector pads are reserved for future
use.
RCFM
I
RSL
Clock from master.
Interface clock used for receiving RSL signals from the
Channel. Positive polarity.
RCFMN
I
RSL
Clock from master.
Interface clock used for receiving RSL signals from the
Channel. Negative polarity.
RCMD
I
VCMOS
Serial Command Input used to read from and write to the control registers. Also
used for power management.
RCOL4..RCOL0
I
RSL
Column bus.
5-bit bus containing control and address information for column
accesses.
RCTM
I
RSL
Clock to master. Interface clock used for transmitting RSL signals to the Channel.
Positive polarity.
RCTMN
I
RSL
Clock to master. Interface clock used for transmitting RSL signals to the Channel.
Negative polarity.
RDQA8..RDQA0
I/O
RSL
Data bus A. A 9-bit bus carrying a byte of read or write data between the Channel
and the RDRAM. RDQA8 is non-functional on modules with x16 RDRAM devices.
RDQB8..RDQB0
I/O
RSL
Data bus B. A 9-bit bus carrying a byte of read or write data between the Channel
and the RDRAM. RDQB8 is non-functional on modules with x16 RDRAM devices.
RROW2..RROW0
I
RSL
Row bus. 3-bit bus containing control and address information for row accesses.


Podobny numer części - MC-4R64FKE8S-840

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Elpida Memory
MC-4R64FKE8S-845 ELPIDA-MC-4R64FKE8S-845 Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
More results

Podobny opis - MC-4R64FKE8S-840

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Elpida Memory
MC-4R64FKE8S ELPIDA-MC-4R64FKE8S Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
EBR25EC8ABSA ELPIDA-EBR25EC8ABSA Datasheet
108Kb / 11P
   256MB Direct Rambus DRAM SO-RIMM Module
EBR12EC8ABSA ELPIDA-EBR12EC8ABSA Datasheet
107Kb / 11P
   128MB Direct Rambus DRAM SO-RIMM??Module
EBR12UC8ABFD ELPIDA-EBR12UC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR51EC8ABFD ELPIDA-EBR51EC8ABFD Datasheet
114Kb / 12P
   512MB Direct Rambus??DRAM RIMM??Module
EBR25UC8ABFD ELPIDA-EBR25UC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
EBR12EC8ABFD ELPIDA-EBR12EC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR25EC8ABFD ELPIDA-EBR25EC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
EBR51UC8ABFD ELPIDA-EBR51UC8ABFD Datasheet
114Kb / 12P
   512MB Direct Rambus??DRAM RIMM??Module
MC-4R128FKK8K ELPIDA-MC-4R128FKK8K Datasheet
88Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com