Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A-302G Arkusz danych(PDF) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

Numer części A-302G
Szczegółowy opis  0.3 INCH DUAL DIGITS DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Strona internetowa  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-302G Arkusz danych(HTML) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

  A-302G Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. A-302G Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-302G Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-302G Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-302G Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-302G Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-302G Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-302G Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-302G Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
0.3
INCH
DUAL
DIGITS
DISPLAY
A-302G B/W
REV:A / 0
FEATURES
Û
7.62mm (0.3 inch ) DIGIT HEIGHT
Û
COMMON ANODE
Û
I.C. COMPATIBLE
Û
LOW POWER CONSUMPTION
Û
Pb FREE PRODUCTS
Û
ROHS COMPLIANCE
Û
BLACK FACE, WHITE SEGMENTS
Raw Material : GaP/GaP
ABSOLUTE MAXIMUM RATING : ( Ta = 25
BC )
SYMBOL
PARAMETER
YELLOW GREEN
UNIT
PD
Power Dissipation Per Segment
75
mW
VR
Reverse Voltage Per Segment
5
V
IAF
Continuous Forward Current Per Segment
20
mA
IPF
Peak Forward Current Per Segment
(1/10 Duty Cycle,0.1ms Pulse Width)
100
mA
Derating Linear From 25
BC Per Segment
0.33
mA/
BC
Topr
Operating Temperature Range
-35BC to 85BC
Tstg
Storage Temperature Range
-35BC to 85BC
ELECTRO-OPTICAL CHARACTERISTICS : ( Ta = 25
BC )
SYMBOL
PARAMETER
TEST CONDITION MIN.
TYP.
MAX.
UNIT
VF
Forward Voltage , Per Segment
IF = 20mA
2.2
2.8
V
IR
Reverse Current , Per Segment
VR = 5V
100
mA
lP
Peak Emission Wavelength
IF = 20mA
568
nm
lD
Dominant Wavelength
IF = 20mA
570
nm
Δl
Spectral Line Half-Width
IF = 20mA
30
nm
IV
Luminous Intensity Per Segment
IF = 10mA
0.64
1.6
mcd
DRAWING NO. : DS-12-08-0069
DATE : 2008-11-12
Page : 3
HD-R/RD014
Release
by
PARALIGHTDCC


Podobny numer części - A-302G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
A-302G ETC1-A-302G Datasheet
109Kb / 1P
   DUAL DIGITS DISPLAY
More results

Podobny opis - A-302G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PARA LIGHT ELECTRONICS ...
A-302E PARALIGHT-A-302E Datasheet
201Kb / 10P
   0.3 INCH DUAL DIGITS DISPLAY
A-302SR PARALIGHT-A-302SR Datasheet
195Kb / 10P
   0.3 INCH DUAL DIGITS DISPLAY
C-302E-A PARALIGHT-C-302E-A Datasheet
203Kb / 10P
   0.3 INCH DUAL DIGITS DISPLAY
logo
China Semiconductor Cor...
CSD-322G CHINASEMI-CSD-322G Datasheet
172Kb / 5P
   0.3 Inch Dual Digits Display
CSD-322T9 CHINASEMI-CSD-322T9 Datasheet
176Kb / 5P
   0.3 Inch Dual Digits Display
CSD-322V9 CHINASEMI-CSD-322V9 Datasheet
171Kb / 5P
   0.3 Inch Dual Digits Display
CSD-322S CHINASEMI-CSD-322S Datasheet
175Kb / 6P
   0.3 Inch Dual Digits Display
CSD-322B7 CHINASEMI-CSD-322B7 Datasheet
170Kb / 5P
   0.3 Inch Dual Digits Display
CSD-322M9 CHINASEMI-CSD-322M9 Datasheet
191Kb / 6P
   0.3 Inch Dual Digits Display
logo
PARA LIGHT ELECTRONICS ...
C302SR-NW PARALIGHT-C302SR-NW Datasheet
195Kb / 10P
   0.3 INCH DUAL DIGITS DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com