Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A-1061E-AH Arkusz danych(PDF) 8 Page - PARA LIGHT ELECTRONICS CO., LTD.

Numer części A-1061E-AH
Szczegółowy opis  1.0 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Strona internetowa  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-1061E-AH Arkusz danych(HTML) 8 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button A-1061E-AH Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-1061E-AH Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-1061E-AH Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-1061E-AH Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-1061E-AH Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-1061E-AH Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-1061E-AH Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-1061E-AH Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. A-1061E-AH Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
1.0
INCH
SINGLE
DIGIT
DISPLAY
A-1061E-AH+T GW
REV:A / 1
—LEAD STRENGTH
1) Bend strength
Do not bend the PIN more than twice. (Fig.7)
2) Tensile strength (@Room Temperature)
If the force is 1kg or less, there will be no problem. (Fig.8)
—HANDLING PRECAUTIONS
Although rigid against vibration, the Display may damaged or scratched if dropped. So take care
when handling.
—CHEMICAL RESISTANCE
1) Avoid exposure to chemicals as it may attack the Display surface and cause discoloration.
2) When washing is required, refer to the following table for the proper chemical to be used.
SOLVENT
ADAPTABILITY
Freon TE
Chlorothene
Isopropyl Alcohol
Thinner
Acetone
Trichloroethylene
⊙--Usable
╳--Do not use.
DRAWING NO. : DS-11-07-0221
DATE : 2008-01-17
Page : 8
Fig.7
1Kg
ok!
Fig.8
Release
by
PARALIGHTDCC


Podobny numer części - A-1061E-AH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PARA LIGHT ELECTRONICS ...
A-1061SR PARALIGHT-A-1061SR Datasheet
193Kb / 10P
   1.0 INCH SINGLE DIGIT DISPLAY
More results

Podobny opis - A-1061E-AH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PARA LIGHT ELECTRONICS ...
C-1021SR PARALIGHT-C-1021SR Datasheet
207Kb / 10P
   1.0 INCH SINGLE DIGIT DISPLAY
A-1061SR PARALIGHT-A-1061SR Datasheet
193Kb / 10P
   1.0 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-1014M9 CHINASEMI-CSS-1014M9 Datasheet
191Kb / 6P
   1.0 Inch Single Digit Display
CSS-1018B7 CHINASEMI-CSS-1018B7 Datasheet
186Kb / 6P
   1.0 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-1021SR PARALIGHT-A-1021SR Datasheet
149Kb / 10P
   1.0 INCH SINGLE DIGIT DISPLAY
A-1021E-A PARALIGHT-A-1021E-A Datasheet
206Kb / 11P
   1.0 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-1014T9 CHINASEMI-CSS-1014T9 Datasheet
192Kb / 6P
   1.0 Inch Single Digit Display
CSS-1018V9 CHINASEMI-CSS-1018V9 Datasheet
187Kb / 6P
   1.0 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
C-1021E PARALIGHT-C-1021E Datasheet
198Kb / 10P
   1.0 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-1014G CHINASEMI-CSS-1014G Datasheet
191Kb / 6P
   1.0 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-1021G-A PARALIGHT-A-1021G-A Datasheet
207Kb / 10P
   1.0 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com