Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A-3001Y Arkusz danych(PDF) 8 Page - PARA LIGHT ELECTRONICS CO., LTD.

Numer części A-3001Y
Szczegółowy opis  3.00 INCH SINGLE DIGIT DISPLAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Strona internetowa  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-3001Y Arkusz danych(HTML) 8 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button A-3001Y Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-3001Y Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-3001Y Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-3001Y Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-3001Y Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-3001Y Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-3001Y Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. A-3001Y Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD. A-3001Y Datasheet HTML 11Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
3.00
INCH
SINGLE
DIGIT
DISPLAY
A-3001Y
REV:A / 0
2) Use Display with holder made of resin (Fig.4) to position the PIN.
—FORMED LEAD
1) The PIN should be bent at a point located at least 2mm away from the package. Bending should
be performed with base fixed means of a jig or pliers (Fig.5)
2) Forming PIN should be carried our prior to soldering and never during or after soldering.
3) Form the PIN to ensure alignment between the PIN and the hole on board, so that stress against
the Display is prevented. (Fig.6)
DRAWING NO. : DS-11-09-0080
DATE : 2009-04-02
Page : 8
Fig.5
Fig.6
Fig.4
Release
by
PARALIGHTDCC


Podobny numer części - A-3001Y

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
A-3001Y ETC1-A-3001Y Datasheet
76Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Podobny opis - A-3001Y

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PARA LIGHT ELECTRONICS ...
C-3001G PARALIGHT-C-3001G Datasheet
212Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
C-3001SR PARALIGHT-C-3001SR Datasheet
196Kb / 10P
   3.00 INCH SINGLE DIGIT DISPLAY
A-3001SR PARALIGHT-A-3001SR Datasheet
162Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
A-3001G PARALIGHT-A-3001G Datasheet
211Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
C-3001E PARALIGHT-C-3001E Datasheet
213Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
A-3001E PARALIGHT-A-3001E Datasheet
212Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
C-3001Y PARALIGHT-C-3001Y Datasheet
210Kb / 10P
   3.00 INCH SINGLE DIGIT DISPLAY
A-3001UB PARALIGHT-A-3001UB Datasheet
196Kb / 10P
   3.00 INCH SINGLE DIGIT DISPLAY
logo
Ningbo Foryard Optoelec...
FYS-30011AX-00 FORYARD-FYS-30011AX-00 Datasheet
434Kb / 5P
   3.00 Inch (76.00mm) digit height Single Digit Display
FYS-30012AX-00 FORYARD-FYS-30012AX-00 Datasheet
821Kb / 5P
   3.00 Inch (76.50mm) digit height Single Digit Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com