Zakładka z wyszukiwarką danych komponentów |
|
MC1489 Arkusz danych(PDF) 8 Page - Texas Instruments |
|
|
MC1489 Arkusz danych(HTML) 8 Page - Texas Instruments |
8 / 22 page MC1489, MC1489A, SN55189, SN55189A, SN75189, SN75189A QUADRUPLE LINE RECEIVERS SLLS095D – SEPTEMBER 1973 – REVISED OCTOBER 1998 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS† Figure 7 INPUT THRESHOLD VOLTAGE vs FREE-AIR TEMPERATURE 2.2 2 1.8 1.6 1.4 1.2 1 0.8 0.6 125 100 75 50 25 0 –25 –50 –75 0.4 150 2.4 TA – Free-Air Temperature – °C – 100 ’89 VIT+ ’89A VIT– ’89 VIT– ’89A VIT+ Figure 8 INPUT THRESHOLD VOLTAGE vs SUPPLY VOLTAGE ’89A VIT– ’89 VIT+ ’89 VIT– ’89A VIT+ 1.8 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 9 8 7 6 5 4 3 0 10 2 VCC – Supply Voltage – V 2 Figure 9 SN75189 NOISE REJECTION TA = 25°C VCC = 5 V 4000 1000 400 100 40 5 4 3 2 1 0 10000 6 tw – Pulse Duration – ns 10 CC = 500 pF CC = 10 pF CC = 100 pF CC = 300 pF See Note A NOTE A: Maximum amplitude of a positive-going pulse that, starting from 0 V, will not cause a change in the output level. Figure 10 SN75189A NOISE REJECTION CC = 300 pF 10 tw – Pulse Duration – ns 6 10000 0 1 2 3 4 5 40 100 400 1000 4000 CC = 500 pF CC = 12 pF CC = 100 pF VCC = 5 V TA = 25°C See Note A NOTE A: Maximum amplitude of a positive-going pulse that, starting from 0 V, will not cause a change in the output level. † Data for free-air temperatures below 0 °C and above 70°C are applicable to SN55189 and SN55189A circuits only. |
Podobny numer części - MC1489 |
|
Podobny opis - MC1489 |